công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4004GP bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện 1N4004GP
Giải thích chi tiết về linh kiện  1 Amp Glass PassivatedRectifier 50 - 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4004GP bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  1N4004GP Datasheet HTML 1Page - Micro Commercial Components 1N4004GP Datasheet HTML 2Page - Micro Commercial Components 1N4004GP Datasheet HTML 3Page - Micro Commercial Components 1N4004GP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4001GP
THRU
1N4007GP
1 Amp Glass
PassivatedRectifier
50 - 1000 Volts
DO-41
Features
Glass Passivated Junction
Low Current Leakage and Low Cost
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +175°C
Storage Temperature: -55
°C to +175°C
Maximum Thermal Resistance; 20
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4001GP
50V
35V
50V
1N4002GP
100V
70V
100V
1N4003GP
200V
140V
200V
1N4004GP
400V
280V
400V
1N4005GP
600V
420V
600V
1N4006GP
800V
560V
800V
1N4007GP
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: D
2015/01/01
TM
Micro Commercial Components
1N4001GP
1N4002GP
1N4003GP
1N4004GP
1N4005GP
1N4006GP
1N4007GP
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
2.0
µs
IF=0.5A, IR=1.0A,
Irr=0.25A
Trr
Typical
Reverse
Recovery Time
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Số phần tương tự - 1N4004GP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
1N4004GP GE-1N4004GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N4004GP DIOTEC-1N4004GP Datasheet
96Kb / 2P
   Glass Passivated Silicon Rectifier Diodes
logo
Micro Commercial Compon...
1N4004GP MCC-1N4004GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Diotec Semiconductor
1N4004GP DIOTEC-1N4004GP Datasheet
154Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Taiwan Semiconductor Co...
1N4004GP TSC-1N4004GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results

Mô tả tương tự - 1N4004GP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N4001GP CHENYI-1N4001GP Datasheet
47Kb / 3P
   1 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_11 Datasheet
500Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N4001GPL MCC-1N4001GPL Datasheet
262Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001 MCC-DL4001_11 Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001-TP MCC-DL4001-TP Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_11 Datasheet
464Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com