công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NE12S0A0H06PNFA bảng dữ liệu(PDF) 6 Page - Delta Electronics, Inc.

tên linh kiện NE12S0A0H06PNFA
Giải thích chi tiết về linh kiện  Fixed frequency operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0H06PNFA bảng dữ liệu(HTML) 6 Page - Delta Electronics, Inc.

Back Button NE12S0A0H06PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NE12S0A0H06PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0H06PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0H06PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0H06PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0H06PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0H06PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0H06PNFA Datasheet HTML 9Page - Delta Electronics, Inc. NE12S0A0H06PNFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS_NE12S06A_05202013
6
DESIGN CONSIDERATIONS
The NE12S0A0V(H)06 uses a single phase and voltage
mode controlled buck topology. The output can be
trimmed from 0.59Vdc to 5.1Vdc by a resistor from Trim
pin to Ground.
The converter can be turned ON/OFF by remote control
with positive on/off (ENABLE pin) logic. The converter DC
output is disabled when the signal is driven low (below
0.3V). This pin is also used as the input turn on threshold
judgment. Its voltage is percent of Input voltage during
floating due to internal connection. So we do not suggest
using an active high signal (higher than 0.8V) to turn on
the module because this high level voltage will disable
UVLO function. The module will turn on when this pin is
floating and the input voltage is higher than the threshold.
The converter can protect itself by entering hiccup mode
against over current and short circuit condition. Also, the
converter will shut down when an over voltage protection
is detected.
Safety Considerations
It is recommended that the user to provide a very
fast-acting type fuse in the input line for safety. The output
voltage set-point and the output current in the application
could define the amperage rating of the fuse.
FEATURES DESCRIPTIONS
Enable (On/Off)
The ENABLE (on/off) input allows external circuitry to put
the NE converter into a low power dissipation (sleep)
mode. Positive ENABLE is available as standard. With
the active high function, the output is guaranteed to turn
on if the ENABLE pin is driven above 0.8V. The output will
turn off if the ENABLE pin voltage is pulled below 0.3V.
Undervoltage Lockout
The ENABLE pin is also used as input UVLO function.
Leaving the enable floating, the module will turn on if the
input voltage is higher than the turn-on threshold and turn
off if the input voltage is lower than the turn-off threshold.
The
default
turn-on
voltage
is
3.1V
with
300mV
hysteresis.
The turn-on voltage may be adjusted with a resistor
placed between the
“Enable” pin and “Ground” pin. The
equation for calculating the value of this resistor is:
8
.
0
34
.
6
34
.
6
05
.
15
_
R
R
V
RTH
EN
V
V
V
RTH
EN
FTH
EN
3
.
0
_
_
FTH
EN
V
_
is the turn-off threshold
RTH
EN
V
_
is the turn-on threshold
R (Kohm) is the outen resistor connected from Enable pin
to the GND
NE10A/6A
R
Enable
Fig. 18. UVLO setting
An active high voltage will disable the input UVLO
function.


Số phần tương tự - NE12S0A0H06PNFA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
NE12S0A0H06PNFA DELTA-NE12S0A0H06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0H06PNFA DELTA-NE12S0A0H06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0H06PNFA DELTA-NE12S0A0H06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results

Mô tả tương tự - NE12S0A0H06PNFA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com