công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NE12S06A bảng dữ liệu(PDF) 9 Page - Delta Electronics, Inc.

tên linh kiện NE12S06A
Giải thích chi tiết về linh kiện  Fixed frequency operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S06A bảng dữ liệu(HTML) 9 Page - Delta Electronics, Inc.

Back Button NE12S06A Datasheet HTML 5Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 6Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 7Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 8Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 9Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 10Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 11Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 12Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS_NE12S06A_05202013
9
THERMAL CURVES (VERTICAL)
Figure 26: Temperature measurement location* The allowed
maximum hot spot temperature is defined at 113
NE12S0A0V06(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=12V Vout=0.9V (Either Orientation)
0
1
2
3
4
5
6
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
200LFM
Output Current (A)
Ambient Temperature (℃)
300LFM
400LFM
100LFM
Figure 27: Output current vs. ambient temperature and air
velocity @Vin=12V, Vout=0.9V (Either Orientation)
NE12S0A0V06(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=12V Vout=2.5V (Either Orientation)
0
1
2
3
4
5
6
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
300LFM
Output Current (A)
Ambient Temperature (℃)
400LFM
500LFM
100LFM
200LFM
Figure 28: Output current vs. ambient temperature and air
velocity @Vin=12V, Vout=2.5V (Either Orientation)
THERMAL CONSIDERATION
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
MODULE
AIR FLOW
11 (0.43”)
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
22 (0.87
”)
Note: Wind tunnel test setup figure dimensions are in
millimeters and (Inches)
Figure 25: Wind tunnel test setup


Số phần tương tự - NE12S06A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
NE12S0A0H03PNFA DELTA-NE12S0A0H03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0H06PNFA DELTA-NE12S0A0H06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0H06PNFA DELTA-NE12S0A0H06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0H06PNFA DELTA-NE12S0A0H06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0H10PKFA DELTA-NE12S0A0H10PKFA Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
More results

Mô tả tương tự - NE12S06A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com