công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD214C-FS3D bảng dữ liệu(PDF) 1 Page - Bourns Electronic Solutions

tên linh kiện CD214C-FS3D
Giải thích chi tiết về linh kiện  Fast Response Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214C-FS3D bảng dữ liệu(HTML) 1 Page - Bourns Electronic Solutions

  CD214C-FS3D Datasheet HTML 1Page - Bourns Electronic Solutions CD214C-FS3D Datasheet HTML 2Page - Bourns Electronic Solutions CD214C-FS3D Datasheet HTML 3Page - Bourns Electronic Solutions CD214C-FS3D Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
RoHScompliant*
n
Lowprofile
n
Lowpowerloss,highefficiency
n
UL94V-0classification
Applications
n
SwitchModePowerSupplies
n
Portableequipmentbatteries
n
Highfrequencyrectification
n
DC/DCConverters
n
Telecommunications
CD214C-FS3xSeriesFastResponseRectifierChipDiode
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
General Information
Portable communications, computing and video equipment manufacturers are challenging the
semiconductor industry to develop increasingly smaller electronic components.
Bourns offers Glass Passivated Rectifiers for rectification applications in a compact chip
package compatible with DO-214AB (SMC) size format. The Glass Passivated Rectifier
Diodes offer a forward current of 3 A with a choice of repetitive peak reverse voltage of 200 V
up to 600 V.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD214C-
Unit
FS3D
FS3G
FS3J
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
V
Maximum Average Forward Current
IF(AV)
3
A
Maximum Peak Forward Surge Current
(8.3 ms Single Half Sine-Wave)
IFSM
100
A
Operating Junction Temperature Range
TOPR
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Condition or Model
Min.
Typ.
Max.
Unit
Maximum Instantaneous Forward Voltage
(NOTE 1)
VF
IF = 3 A
CD214C-FS3D
0.93
0.95
V
CD214C-FS3G
1.2
1.25
CD214C-FS3J
1.4
1.7
DC Reverse Current
IR
VR =
VRRM
0.2
5
µA
Reverse Recovery Time
IF= 0.5 A,
IR = 1.0 A,
Irr = 0.25 A
Trr
35
nS
Typical Junction Capacitance
CJ
VR = 4 V, f = 1.0 MHz
19
pF
Typical Thermal Resistance
(NOTE 2)
Junction to
Ambient
RθJA
60
°C/W
Junction to
Lead
RθJL
10
NOTES:
(1) Pulse width 300 microsecond, 1 % duty cycle.
(2) Mounted on PCB with 5.0 x 5.0 mm (0.2 x 0.2 inch) copper pad areas.


Số phần tương tự - CD214C-FS3D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD214C-F3100 BOURNS-CD214C-F3100 Datasheet
309Kb / 4P
   CD214C-F350~F3600 Fast Response Rectifiers
CD214C-F3200 BOURNS-CD214C-F3200 Datasheet
309Kb / 4P
   CD214C-F350~F3600 Fast Response Rectifiers
CD214C-F3400 BOURNS-CD214C-F3400 Datasheet
309Kb / 4P
   CD214C-F350~F3600 Fast Response Rectifiers
CD214C-F350 BOURNS-CD214C-F350 Datasheet
309Kb / 4P
   CD214C-F350~F3600 Fast Response Rectifiers
CD214C-F3600 BOURNS-CD214C-F3600 Datasheet
309Kb / 4P
   CD214C-F350~F3600 Fast Response Rectifiers
More results

Mô tả tương tự - CD214C-FS3D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD214B-FS2X BOURNS-CD214B-FS2X Datasheet
483Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-FS3X BOURNS-CD214B-FS3X Datasheet
487Kb / 4P
   Fast Response Rectifier Chip Diode
CD214A-RS1X BOURNS-CD214A-RS1X Datasheet
183Kb / 5P
   CD214A-RS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-FS1X BOURNS-CD214A-FS1X Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
logo
Shanghai Leiditech Elec...
SMF3.3CA LEIDITECH-SMF3.3CA Datasheet
554Kb / 3P
   Glass passivated chip Very fast response time
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com