công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE1561BE bảng dữ liệu(PDF) 2 Page - ACE Technology Co., LTD.

tên linh kiện ACE1561BE
Giải thích chi tiết về linh kiện  P-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1561BE bảng dữ liệu(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1561BE Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1561BE Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1561BE Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1561BE Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1561BE Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1561BE Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE1561BE
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
2
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min Typ
Max Unit
Static
Drain-source breakdown
voltage
V(BR)DSS
VGS=0V, ID=-250µA
-20
V
Zero gate voltage drain
current
IDSS
VDS=-20V, VGS=0V
-1
µA
Gate threshold voltage
VGS(th)
VGS=VDS, IDS=-250µA
-0.4
-1
V
Gate leakage current
IGSS
VGS=±8V, VDS=0V
±10
nA
Drain-source on-state
resistance
RDS(ON)
VGS=-4.5V, ID=-2.8A
90
110
VGS=-2.5V, ID=-2A
110
150
Forward trans conductance
gFS
VDS=-5V, ID=-2A
6.5
S
Diode forward voltage
VSD
ISD=1A, VGS=0V
-0.7
-1.3
V
Switching
Total gate charge
Qg
VGS=4.5V, VDS=10V, ID=6A
5.5
nC
Gate-source charge
Qgs
1.5
Gate-drain charge
Qgd
1.3
Turn-on delay time
td(on)
VDD=-6V, RL=6Ω
ID=-1A, VGEN=-4.5V
RG=6Ω
8
ns
Turn-on rise time
Tr
11
Turn-off delay time
td(off)
33
Turn-off fall time
tf
15
Dynamic
Input capacitance
Ciss
VGS=0V, VDS=-10V,
f=1.0MHz
150
pF
Output capacitance
Coss
53
Reverse transfer capacitance
Crss
17
Note :
A: The value of RθJAis measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with TA
=25°C. The value in any given application de
pends on the user's specific board design. The current rating is based on the t≤ 10s
thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C: The RθJAis the sum of the thermal impedance from junction to lead RθJL and lead to ambient.


Số phần tương tự - ACE1561BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE1500B ACE-ACE1500B Datasheet
758Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
logo
ACE Technology Co., LTD...
ACE150112FM+H ACE-ACE150112FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150133FM+H ACE-ACE150133FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150150FM+H ACE-ACE150150FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Mô tả tương tự - ACE1561BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com