công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3L301DGGR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3L301DGGR
Giải thích chi tiết về linh kiện  16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3L301DGGR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS3L301DGGR Datasheet HTML 1Page - Texas Instruments TS3L301DGGR Datasheet HTML 2Page - Texas Instruments TS3L301DGGR Datasheet HTML 3Page - Texas Instruments TS3L301DGGR Datasheet HTML 4Page - Texas Instruments TS3L301DGGR Datasheet HTML 5Page - Texas Instruments TS3L301DGGR Datasheet HTML 6Page - Texas Instruments TS3L301DGGR Datasheet HTML 7Page - Texas Instruments TS3L301DGGR Datasheet HTML 8Page - Texas Instruments TS3L301DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TS3L301
16BIT TO 8BIT SPDT GIGABIT LAN SWITCH
WITH LOW AND FLAT ONSTATE RESISTANCE
SCDS178B − NOVEMBER 2004 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Bandwidth (BW = 900 MHz Typ)
D Low Crosstalk (XTALK = −41 dB Typ)
D Low Bit-to-Bit Skew [tsk(o) = 0.2 ns Max]
D Low and Flat ON-State Resistance
(ron = 4 W Typ, ron(flat) = 0.7 W Typ)
D Low Input/Output Capacitance
(CON = 10 pF Typ)
D Rail-to-Rail Switching on Data I/O Ports
(0 to 5 V)
D VDD Operating Range From 3 V to 3.6 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Suitable for 10/100/1000-Mbit Ethernet
Signaling
D Applications
− 10/100/1000 Base-T Signal Switching
− Differential (LVDS, LVPECL) Signal
Switching
− Digital Video Signal Routing
− Notebook Docking Signal Routing
− Hub and Router Signal Switching
description/ordering information
The TS3L301 is a 16-bit to 8-bit multiplexer/demultiplexer LAN switch with a single select (SEL) input. The SEL
input controls the data path of the multiplexer/demultiplexer.
The device provides a low and flat on-state resistance (ron) and an excellent on-resistance match. Low
input/output capacitance, high-bandwidth, low skew, and low crosstalk among channels make this device
suitable for various LAN applications, such as 10/100/1000 Base-T.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
TSSOP − DGG
Tape and reel
TS3L301DGGR
TS3L301
−40
°C to 85°C
TVSOP − DGV
Tape and reel
TS3L301DGVR
TK301
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
DGG OR DGV PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VDD
A0
GND
A1
GND
VDD
GND
A2
GND
A3
GND
VDD
GND
NC
A4
GND
A5
GND
VDD
GND
A6
GND
A7
SEL
0B1
1B1
GND
0B2
1B2
GND
2B1
3B1
GND
2B2
3B2
GND
VDD
4B1
5B1
GND
4B2
5B2
GND
6B1
7B1
GND
6B2
7B2
NC − No internal connection
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Số phần tương tự - TS3L301DGGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3L301DGGR TI-TS3L301DGGR Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L301DGGRE4 TI-TS3L301DGGRE4 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L301DGGRG4 TI-TS3L301DGGRG4 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
More results

Mô tả tương tự - TS3L301DGGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com