công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP200 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện OP200
Giải thích chi tiết về linh kiện  Dual Low Offset, Low Power Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP200 bảng dữ liệu(HTML) 1 Page - Analog Devices

  OP200_17 Datasheet HTML 1Page - Analog Devices OP200_17 Datasheet HTML 2Page - Analog Devices OP200_17 Datasheet HTML 3Page - Analog Devices OP200_17 Datasheet HTML 4Page - Analog Devices OP200_17 Datasheet HTML 5Page - Analog Devices OP200_17 Datasheet HTML 6Page - Analog Devices OP200_17 Datasheet HTML 7Page - Analog Devices OP200_17 Datasheet HTML 8Page - Analog Devices OP200_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Dual Low Offset, Low Power
Operational Amplifier
Data Sheet
OP200
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1978–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low input offset voltage: 75 μV maximum
Low offset voltage drift, over −55°C < TA < +125°C
0.5 μV/°C maximum
Low supply current (per amplifier): 725 μA maximum
High open-loop gain: 5000 V/mV minimum
Low input bias current: 2 nA maximum
Low noise voltage density: 11 nV/√Hz at 1 kHz
Stable with large capacitive loads: 10 nF typical
PIN CONNECTIONS
–IN A 1
+IN A 2
NC 3
V– 4
OUT A
16
NC
15
NC
14
V+
13
NC 5
NC
12
+IN B 6
NC
11
–IN B 7
OUT B
10
NC 8
NC
9
NC = NO CONNECT
Figure 1. 16-Lead SOIC (S-Suffix)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP200
A
B
Figure 2. 8-Lead PDIP (P-Suffix)
8-Lead CERDIP (Z-Suffix)
GENERAL DESCRIPTION
The OP200 is the first monolithic dual operational amplifier
to offer OP77 type precision performance. Available in the
industry standard 8-lead pinout, the OP200 combines precision
performance with the space and cost savings offered by a dual
amplifier.
The OP200 features an extremely low input offset voltage of
less than 75 μV with a drift below 0.5 μV/°C, guaranteed over
the full military temperature range. Open-loop gain of the OP200
exceeds 5,000,000 into a 10 kΩ load; input bias current is under
2 nA; CMRR is over 120 dB; and PSRR is below 1.8 μV/V. On-chip
Zener zap trimming is used to achieve the extremely low input
offset voltage of the OP200 and eliminates the need for offset
pulling.
Power consumption of the OP200 is low, with each amplifier
drawing less than 725 μA of supply current. The total current
drawn by the dual OP200 is less than one-half that of a single
OP07, yet the OP200 offers significant improvements over this
industry-standard op amp. The voltage noise density of the OP200,
11 nV/√Hz at 1 kHz, is half that of most competitive devices.
The OP200 is an ideal choice for applications requiring multiple
precision op amps and where low power consumption is critical.
For a quad precision op amp, see the OP400.


Số phần tương tự - OP200_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP200ARC AD-OP200ARC Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
OP200AZ AD-OP200AZ Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
OP200AZ AD-OP200AZ Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results

Mô tả tương tự - OP200_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com