công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KM-24F bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện KM-24F
Giải thích chi tiết về linh kiện  Ultra-wideband, DC-40 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KM-24F bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  KM-24F Datasheet HTML 1Page - Mini-Circuits KM-24F Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
KM-24F+
The Big Deal
• Ultra-wideband, DC-40 GHz
• Flat response
• Low insertion loss, 0.15 dB
• Excellent VSWR, 1.05:1
Product Overview
Mini-Circuits’ KM-24F+ is a coaxial 2.4 mm-F to 2.92 mm-M adapter supporting a wide range of applica-
tions from DC to 40 GHz. This model provides excellent VSWR, low insertion loss, and flat response
versus frequency. The KM-24F+ features passivated stainless steel construction and measures only
0.85” (l) x 0.36” (dia.).
Key Features
Feature
Advantages
Wideband, DC to 40 GHz
Wide frequency range provides application flexibility and makes this model ideal for broad-
band and multi-band use.
Excellent VSWR, 1.05:1
Provides good matching for 50Ω systems and minimizes signal reflections across wide
frequency range.
Low insertion loss, 0.15 dB
Provides excellent signal power transmission from input to output.
Passivated stainless steel construc-
tion.
Stands up to wear and tear in demanding environments and provides excellent reliability.
Very wide operating temperature
range, -55 to +100˚C
Withstands extreme operating conditions and is suitable for use near high power componen-
try where heat rise is common.
50Ω
DC to 40 GHz
Coaxial
Adapter 2.4mm-F to2.92mm-M
CASE STYLE: DJ2383


Số phần tương tự - KM-24F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
KM-24M MINI-KM-24M Datasheet
192Kb / 2P
   Ultra-wideband, DC-40 GHz
More results

Mô tả tương tự - KM-24F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
KF-24M MINI-KF-24M Datasheet
185Kb / 2P
   Ultra-wideband, DC-40 GHz
KFFL-KF50 MINI-KFFL-KF50 Datasheet
234Kb / 2P
   Ultra-wideband, DC-40 GHz
KM-24M MINI-KM-24M Datasheet
192Kb / 2P
   Ultra-wideband, DC-40 GHz
KF-24F MINI-KF-24F Datasheet
183Kb / 2P
   Ultra-wideband, DC-40 GHz
KF-KM50 MINI-KF-KM50 Datasheet
174Kb / 2P
   Ultra-wideband, DC-40 GHz
KF-KF50 MINI-KF-KF50 Datasheet
169Kb / 2P
   Ultra-wideband, DC-40 GHz
KM-KM50 MINI-KM-KM50 Datasheet
170Kb / 2P
   Ultra-wideband, DC-40 GHz
24F-24F MINI-24F-24F Datasheet
168Kb / 2P
   Ultra-wideband, DC-50 GHz
24F-24M MINI-24F-24M Datasheet
171Kb / 2P
   Ultra-wideband, DC-50 GHz
24M-24M MINI-24M-24M Datasheet
229Kb / 2P
   Ultra-wideband, DC-50 GHz
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com