công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST16C554CQ64 bảng dữ liệu(PDF) 7 Page - Exar Corporation

tên linh kiện ST16C554CQ64
Giải thích chi tiết về linh kiện  QUAD UART WITH 16-BYTE FIFOS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554CQ64 bảng dữ liệu(HTML) 7 Page - Exar Corporation

Back Button ST16C554CQ64 Datasheet HTML 3Page - Exar Corporation ST16C554CQ64 Datasheet HTML 4Page - Exar Corporation ST16C554CQ64 Datasheet HTML 5Page - Exar Corporation ST16C554CQ64 Datasheet HTML 6Page - Exar Corporation ST16C554CQ64 Datasheet HTML 7Page - Exar Corporation ST16C554CQ64 Datasheet HTML 8Page - Exar Corporation ST16C554CQ64 Datasheet HTML 9Page - Exar Corporation ST16C554CQ64 Datasheet HTML 10Page - Exar Corporation ST16C554CQ64 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ST16C554/554D/68C554
7
Rev. 3.10
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
68
64
type
pin a logic 1. Making this pin a logic 0 allows MCR bit-3 to
control the three state interrupt output. In this mode, MCR
bit-3 is set to a logic “1” to enable the three state outputs.
This pin is disabled in the 68 mode. Due to pin limitations on
64 pin packages, this pin is not available. To cover this
limitation, two 64 pin QFP package versions are offered.
The ST16C554DCQ64 operates in the continuos interrupt
enable mode by bonded this pin to VCC internally. The
ST16C554CQ64 operates with MCR bit-3 control by bond-
ing this pin to GND.
-IOR
52
40
I
Read strobe. (active low Strobe) - This function is associ-
ated with the 16 mode only. A logic 0 transition on this pin
will load the contents of an Internal register defined by
address bits A0-A2 onto the ST16C554D data bus (D0-D7)
for access by an external CPU. This pin is disabled in the 68
mode.
-IOW
18
9
I
Write strobe. (active low strobe) - This function is associ-
ated with the 16 mode only. A logic 0 transition on this pin
will transfer the contents of the data bus (D0-D7) from the
external CPU to an internal register that is defined by
address bits A0/A2. When the 16 mode is selected, this pin
functions as -R/W, see definition under R/W.
-IRQ
15
-
O
Interrupt Request or Interrupt “A” - This function is associ-
ated with the 68 mode only. In the 68 mode, interrupts from
UART channels A-D are WIRE-OR’ed” internally to function
as a single IRQ interrupt. This pin transitions to a logic 0 (if
enabled by the interrupt enable register) whenever a UART
channel(s) requires service. Individual channel interrupt
status can be determined by addressing each channel
through its associated internal register, using -CS and A3-
A4. In the 68 mode an external pull-up resistor must be
connected between this pin and VCC. The function of this
pin changes to INTA when operating in the 16 mode, see
definition under INTA.


Số phần tương tự - ST16C554CQ64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Mô tả tương tự - ST16C554CQ64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
   Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
logo
Oxford Semiconductor
OX16C950 OXFORD-OX16C950 Datasheet
436Kb / 49P
   High Performance UART with 128 byte FIFOs
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550_10 Datasheet
1Mb / 47P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
List of Unclassifed Man...
OX16C954 ETC-OX16C954 Datasheet
529Kb / 54P
   High Performance Quad UART with 128-byte FIFOs Intel / Motorola Bus Interface
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com