công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMB2EZ20D5HE3 bảng dữ liệu(PDF) 2 Page - Micro Commercial Components |
|
SMB2EZ20D5HE3 bảng dữ liệu(HTML) 2 Page - Micro Commercial Components |
2 / 5 page 2E10/2C10 2E11/2C11 2E12/2C12 2E13/2C13 2E14/2C14 2E15/2C15 2E16/2C16 2E17/2C17 2E18/2C18 2E19/2C19 2E20/2C20 2E22/2C22 2E24/2C24 2E27/2C27 2E30/2C30 2E33/2C33 2E36/2C36 2E39/2C39 2E43/2C43 2E47/2C47 2E51/2C51 2E56/2C56 2E62/2C62 2E68/2C68 2E75/2C75 ELECTRICAL CHARACTERISTICS(TA=25 OC unless otherwise noted)VF=1.5V max,IF=200mA for all types. SM B2EZ10D5HE3 THRU SMB2EZ75D5HE3 Type No. (Note 1.) Test Current IZT mA Nominal Zener Voltage Vz @ Maximum Zener Current IZM mA Surge Current @TA=25 I ZSM-A (Note 4.) Device Marking I ZT Volts (Note 2.) Leakage Current Maximum Zener Impedance (Note 3) ZZT @ IZT ZZK @ IZK IZK IR VR Ohms Ohms mA µA Max Volts Micro Commercial Components M C C TM 10 11 12 13 14 15 16 17 18 19 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 50 45.5 41.5 38.5 35.7 33.4 31.2 29.4 27.8 26.3 25 22.8 20.8 18.5 16.6 15.1 13.9 12.8 11.6 10.6 9.8 9 8.1 7.4 6.7 182 166 152 138 130 122 114 107 100 95 90 82 76 68 60 55 50 47 43 39 36 32 29 27 24 2.0 1.82 1.66 1.54 1.43 1.33 1.25 1.18 1.11 1.05 1 0.91 0.83 0.74 0.67 0.61 0.56 0.51 0.45 0.42 0.39 0.36 0.32 0.29 0.27 3.5 4 4.5 5 5.5 7 8 9 10 11 11 12 13 18 20 23 25 30 35 40 48 55 60 75 90 700 700 700 700 700 700 700 750 750 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 3 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 7.6 8.4 9.1 9.9 10.6 11.4 12.2 13 13.7 14.4 15.2 16.7 18.2 20.6 22.5 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56 SMB2EZ10D5HE3 SMB2EZ11D5HE3 SMB2EZ12D 5HE3 SMB2EZ13D5HE3 SMB2EZ14D5HE3 SMB2EZ15D5HE3 SMB2EZ16D5HE3 SMB2EZ17D5HE3 SMB2EZ18D5HE3 SMB2EZ19D5HE3 SMB2EZ20D5HE3 SMB2EZ22D5HE3 SMB2EZ24D5HE3 SMB2EZ27D5HE3 SMB2EZ30D5HE3 SMB2EZ33D5HE3 SMB2EZ36D5HE3 SMB2EZ39D5HE3 SMB2EZ43D5HE3 SMB2EZ47D5HE3 SMB2EZ51D5HE3 SMB2EZ56D5HE3 SMB2EZ62D5HE3 SMB2EZ68D5HE3 SMB2EZ75D5HE3 Notes: 1. TOLERANCES - Suffix indicates 5% tolerance any other tolerance will be considered as a special device. 2. ZENER VOLTAGE (Vz) MEASUREMENT - guarantees the zener voltage when measured at 40 ms from the diode body, and an ambient temperature of 25 centigrade degrees. 3.ZENER IMPEDANCE (Zz) DERIVATION - The zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms falue equal to 10% of the dc zener current (I ZT or IZK) is superimposed on IZT or IZK . 4. SURGE CURRENT (Izsm) NON-REPETITIVE - The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC standards, however, actual device capability is as described in Figure 3. www.mccsemi.com Revision: 2 of |
Số phần tương tự - SMB2EZ20D5HE3 |
|
Mô tả tương tự - SMB2EZ20D5HE3 |