công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB2EZ11D5HE3 bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện SMB2EZ11D5HE3
Giải thích chi tiết về linh kiện  2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMB2EZ11D5HE3 bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  SMB2EZ11D5HE3 Datasheet HTML 1Page - Micro Commercial Components SMB2EZ11D5HE3 Datasheet HTML 2Page - Micro Commercial Components SMB2EZ11D5HE3 Datasheet HTML 3Page - Micro Commercial Components SMB2EZ11D5HE3 Datasheet HTML 4Page - Micro Commercial Components SMB2EZ11D5HE3 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
TERMINALS : Solder plated, solderable per MIL-STD-750,
method 2026
SMB2EZ10D5HE3
THRU
SMB2EZ75D5HE3
2 W Glass Passivated
Junction Silicon
Zener Diode
10-75 Volts
POLARITY : Color band denotes positive end (cathode)
Maximum Ratings @ 25
oC Unless Otherwise Specified
2
Watts
Derate above 75 C
24
mW/ C
Peak Forward Surge
Current 8.3ms single
Operating And
Storage
Temperature Range
TJ,TSTG
-55oC to
+150oC
o
Peak Pulse Power
Dissipation (Note 2)
o
half sine-wave
superimposed on rated
load (JEDEC Method)
(Note 3)
IFSM
15
Amps
PD
NOTES:
2. Mounted on 5.0mm
2(.013mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent
square wave, duty cycle = 4 pulses per minute maximum.
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 5





1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
A
B
D
C
E
F
G
H
0.050”
0.106"
0.083”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.1
60
.1
85
4.06
4.70
B.1
30
.1
55
3.30
3.94
C
.006
.012
0.15
0.31
D..030
.0
60
0.76
1..
52
E.
200
.2
20
5.08
5.59
F.0
79
.
096
2.00
2.
44
G.0
75
.0
87
1.
91
2.21
H
.002
.00
80.05
0.
203
DO-214AA
(SMB) (LEAD FRAME)
Micro Commercial Components
M C C
TM
Mechanical Data
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Glass Passivated Junction
Excellent Clamping Capability
Built-in Strain Relief
Low Inductance
AEC-Q101 Qualified
Halogen free
Revision:
A
20
15/06/05


Số phần tương tự - SMB2EZ11D5HE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SMB2EZ11D5 SECOS-SMB2EZ11D5 Datasheet
264Kb / 4P
   2.0 Watts Surface Mount Zener Diode
logo
Micro Commercial Compon...
SMB2EZ11D5 MCC-SMB2EZ11D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Anova Technologies CO.,...
SMB2EZ11D5 ANOVA-SMB2EZ11D5 Datasheet
257Kb / 3P
   Surface Mount Zener Diodes
More results

Mô tả tương tự - SMB2EZ11D5HE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ24D5-TP MCC-3EZ24D5-TP Datasheet
402Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA3EZ270D5 MCC-SMA3EZ270D5 Datasheet
562Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
SMB3EZ200D5 MCC-SMB3EZ200D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com