công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STWBC-EPTR bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện STWBC-EPTR
Giải thích chi tiết về linh kiện  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EPTR bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button STWBC-EPTR Datasheet HTML 4Page - STMicroelectronics STWBC-EPTR Datasheet HTML 5Page - STMicroelectronics STWBC-EPTR Datasheet HTML 6Page - STMicroelectronics STWBC-EPTR Datasheet HTML 7Page - STMicroelectronics STWBC-EPTR Datasheet HTML 8Page - STMicroelectronics STWBC-EPTR Datasheet HTML 9Page - STMicroelectronics STWBC-EPTR Datasheet HTML 10Page - STMicroelectronics STWBC-EPTR Datasheet HTML 11Page - STMicroelectronics STWBC-EPTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Reference design
STWBC-EP
8/32
DocID030747 Rev 1
3
Reference design
The STWBC-EP is available with the STEVAL-ISB044V1 reference design. The certification
and interoperability tests are based on the Qi standard version 1.2.3 and supports FOD
extensions.
The STEVAL-ISB044V1 reference design provides a complete kit which includes the
STWBC-EP IC, firmware, layout, graphical interfaces and tools. The layout is based on
a cost-effective 2-layer PCB.
Figure 3. STEVAL-ISB044V1 evaluation board


Số phần tương tự - STWBC-EPTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
2Mb / 4P
   Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
More results

Mô tả tương tự - STWBC-EPTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STWBC2-HP STMICROELECTRONICS-STWBC2-HP Datasheet
5Mb / 96P
   Digital controller for wireless battery charger transmitters
Rev 1.0 - September 2021
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONTROLLER FOR BATTERY CHARGERS
logo
STMicroelectronics
STWBC STMICROELECTRONICS-STWBC Datasheet
1Mb / 36P
   Digital controller for wireless battery charger
February 2015 Rev 3
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
   Qi-compliant inductive wireless power receiver for 5W applications
September 2021
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
   Digital Signal Controller Battery chargers and management
logo
Infineon Technologies A...
WLC1515 INFINEON-WLC1515 Datasheet
628Kb / 44P
   Wireless charging IC (WLC) 15-W transmitter for automotive applications
Rev. A 2023-05-18
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Silver Telecom 2019
AG321T SILVERTEL-AG321T Datasheet
343Kb / 15P
   15 Watt Qi compatible Wireless Power Module
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
   Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com