công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA555C bảng dữ liệu(PDF) 1 Page - Harris Corporation

tên linh kiện CA555C
Giải thích chi tiết về linh kiện  Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HARRIS [Harris Corporation]
Trang chủ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA555C bảng dữ liệu(HTML) 1 Page - Harris Corporation

  CA555C Datasheet HTML 1Page - Harris Corporation CA555C Datasheet HTML 2Page - Harris Corporation CA555C Datasheet HTML 3Page - Harris Corporation CA555C Datasheet HTML 4Page - Harris Corporation CA555C Datasheet HTML 5Page - Harris Corporation CA555C Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCT OR
8-3
Features
• Accurate Timing From Microseconds Through Hours
• Astable and Monostable Operation
• Adjustable Duty Cycle
• Output Capable of Sourcing or Sinking up to 200mA
• Output Capable of Driving TTL Devices
• Normally ON and OFF Outputs
• High Temperature Stability . . . . . . . . . . . . . . 0.005%/oC
• Directly Interchangeable with SE555, NE555, MC1555,
and MC1455
Applications
• Precision Timing
• Pulse Generation
• Sequential Timing
• Pulse Detector
• Time Delay Generation
• Pulse Width and Position
Modulation
Description
The CA555 and CA555C are highly stable timers for use in
precision timing and oscillator applications. As timers, these
monolithic integrated circuits are capable of producing accu-
rate time delays for periods ranging from microseconds
through hours. These devices are also useful for astable
oscillator operation and can maintain an accurately con-
trolled free running frequency and duty cycle with only two
external resistors and one capacitor.
The circuits of the CA555 and CA555C may be triggered by
the falling edge of the waveform signal, and the output of
these circuits can source or sink up to a 200mA current or
drive TTL circuits.
These types are direct replacements for industry types in
packages with similar terminal arrangements e.g. SE555
and NE555, MC1555 and MC1455, respectively. The CA555
type circuits are intended for applications requiring premium
electrical performance. The CA555C type circuits are
intended for applications requiring less stringent electrical
characteristics.
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA0555E
-55 to 125
8 Ld PDIP
E8.3
CA0555M (555)
-55 to 125
8 Ld SOIC
M8.15
CA0555M96 (555)
-55 to 125
8 Ld SOIC
M8.15
CA0555T
-55 to 125
8 Pin Metal Can
T8.C
CA0555CE
0 to 70
8 Ld PDIP
E8.3
CA0555CM (555C)
0 to 70
8 Ld SOIC
M8.15
CA0555CM96 (555C)
0 to 70
8 Ld SOIC
M8.15
CA0555CT
0 to 70
8 Pin Metal Can
T8.C
LM555N
-55 to 125
8 Ld PDIP
E8.3
LM555CN
0 to 70
8 Ld PDIP
E8.3
NE555N
0 to 70
8 Ld PDIP
E8.3
NOTE:
Denotes Tape and Reel
Pinouts
CA555, CA555C (PDIP, SOIC)
LM555, LM555C, NE555 (PDIP)
TOP VIEW
CA555, CA555C (METAL CAN)
TOP VIEW
Functional Block Diagram
GND
TRIGGER
OUTPUT
RESET
1
2
3
4
8
7
6
5
V+
DISCHARGE
THRESHOLD
CONTROL
VOLTAGE
V+
THRESHOLD
TRIGGER
RESET
GND
OUTPUT
DISCHARGE
CONTROL
2
4
6
1
3
7
5
8
TAB
VOLTAGE
THRESHOLD
COMPAR
6
8
V+
5
TRIGGER
COMPAR
2
CONTROL
VOLTAGE
TRIGGER
FLIP-FLOP
OUTPUT
3
7
4
1
GND
May 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
CA555, CA555C,
LM555, LM555C, NE555
Timers for Timing Delays and Oscillator Application
in Commercial, Industrial and Military Equipment
File Number
834.4


Số phần tương tự - CA555C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA555C INTERSIL-CA555C Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
CA555C HARRIS-CA555C Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
More results

Mô tả tương tự - CA555C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com