công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA0555 bảng dữ liệu(PDF) 5 Page - Harris Corporation

tên linh kiện CA0555
Giải thích chi tiết về linh kiện  Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HARRIS [Harris Corporation]
Trang chủ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA0555 bảng dữ liệu(HTML) 5 Page - Harris Corporation

  CA0555 Datasheet HTML 1Page - Harris Corporation CA0555 Datasheet HTML 2Page - Harris Corporation CA0555 Datasheet HTML 3Page - Harris Corporation CA0555 Datasheet HTML 4Page - Harris Corporation CA0555 Datasheet HTML 5Page - Harris Corporation CA0555 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8-7
Top Trace: Output voltage (2V/Div. and 0.5ms/Div.)
Bottom Trace: Capacitor voltage (1V/Div. and 0.5ms/Div.)
FIGURE 5. TYPICAL WAVEFORMS FOR REPEAT CYCLE TIMER
FIGURE 6. FREE RUNNING FREQUENCY OF REPEAT CYCLE
TIMER WITH VARIATION IN CAPACITANCE AND
RESISTANCE
Typical Performance Curves
NOTE: Where x is the decimal multiplier of the supply voltage.
FIGURE 7. MINIMUM PULSE WIDTH vs MINIMUM TRIGGER
VOLTAGE
FIGURE 8. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 9. OUTPUT VOLTAGE DROP (HIGH STATE) vs
SOURCE CURRENT
FIGURE 10. OUTPUT VOLTAGE LOW STATE vs SINK
CURRENT
5V
0
3.3V
1.7V
0
t2
t1
100
10
0.1
0.01
0.001
FREQUENCY (Hz)
10-1
110
102
103
104
105
TA = 25
oC, V+ = 5V
R1 + 2R2 = 1kΩ
10k
100k
1M
10M
1
MINIMUM TRIGGER (PULSE) VOLTAGE (x V+) (NOTE)
0.4
0.3
0.2
0.1
0
150
100
50
TA = -55
oC
25oC
125oC
70oC
0oC
SUPPLY VOLTAGE (V)
15
12.5
10
7.5
5
2.5
0
10
9
8
7
6
5
4
3
2
1
TA = 125
oC
25oC
50oC
SOURCE CURRENT (mA)
100
10
1
2.0
1.6
1.2
0.8
0.4
0
25oC
TA = -55
oC
125oC
5V
≤ V+ ≤ 15V
SINK CURRENT (mA)
100
10
1
10.0
1.0
0.1
0.01
25oC
TA = -55
oC
125oC
V+ = 5V
CA555, CA555C, LM555, LM555C, NE555


Số phần tương tự - CA0555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA0555CE INTERSIL-CA0555CE Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
CA0555CE HARRIS-CA0555CE Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA0555E INTERSIL-CA0555E Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
CA0555E HARRIS-CA0555E Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
More results

Mô tả tương tự - CA0555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com