công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC100ES6111D bảng dữ liệu(PDF) 1 Page - Motorola, Inc |
|
MC100ES6111D bảng dữ liệu(HTML) 1 Page - Motorola, Inc |
1 / 12 page MOTOROLA SEMICONDUCTOR TECHNICAL DATA Order Number: MC100ES6111/D Rev 1, 05/2002 © Motorola, Inc. 2002 Low Voltage 2.5/3.3V Differential ECL/PECL/HSTL Fanout Buffer The Motorola MC100ES6111 is a bipolar monolithic differential clock fanout buffer. Designed for most demanding clock distribution systems, the MC100ES6111 supports various applications that require distribution of precisely aligned differential clock signals. Using SiGe:C technology and a fully differential architecture, the device offers very low skew outputs and superior digital signal characteristics. Target applications for this clock driver is high performance clock distribution in computing, networking and telecommunication systems. • 1:10 differential clock distribution • 35 ps maximum device skew • Fully differential architecture from input to all outputs • SiGe:C technology supports near-zero output skew • Supports DC to 2.7 GHz operation of clock or data signals • ECL/PECL compatible differential clock outputs • ECL/PECL/HSTL compatible differential clock inputs • Single 3.3V, -3.3V, 2.5V or -2.5V supply • Standard 32 lead LQFP package • Industrial temperature range • Pin and function compatible to the MC100EP111 Functional Description The MC100ES6111 is designed for low skew clock distribution systems and supports clock frequencies up to 2.7 GHz. The device accepts two clock sources. The CLKA input can be driven by ECL or PECL compatible signals, the CLKB input accepts HSTL compatible signals. The selected input signal is distributed to 10 identical, differential ECL/PECL outputs. If VBB is connected to the CLKA input and bypassed to GND by a 10 nF capacitor, the MC100ES6111 can be driven by single-ended ECL/PECL signals utilizing the VBB bias voltage output. In order to meet the tight skew specification of the device, both outputs of a differential output pair should be terminated, even if only one output is used. In the case where not all ten outputs are used, the output pairs on the same package side as the parts being used on that side should be terminated. The MC100ES6111 can be operated from a single 3.3V or 2.5V supply. As most other ECL compatible devices, the MC100ES6111 supports positive (PECL) and negative (ECL) supplies. The MC100ES6111 is pin and function compatible to the MC100EP111. MC100ES6111 LOW–VOLTAGE 1:10 DIFFERENTIAL ECL/PECL/HSTL CLOCK FANOUT DRIVER FA SUFFIX 32–LEAD LQFP PACKAGE CASE 873A |
Số phần tương tự - MC100ES6111D |
|
Mô tả tương tự - MC100ES6111D |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |