công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N4116 bảng dữ liệu(PDF) 1 Page - Micro Commercial Components |
|
1N4116 bảng dữ liệu(HTML) 1 Page - Micro Commercial Components |
1 / 5 page 1N4614 THRU 1N41 25 500mW Silicon Zener Diodes Features • Zener Voltage Range = 1.8V to 47V • Double Slug Type Construction Maximum Ratings Symbol Value Units Max. Steady State Power Dissipation at TL<75 OC, Lead Length=3/8” PD 500 mW Junction Temperature TJ 175 oC Storage Temperature Range TSTG -55 to 175 oC Electrical Characteristics @ 25 °C Unless Otherwise Specified Symbol Maximum Unit Max. Forward Voltage @ IF= 200mA VF 1. 1 V Mechanical Data • Case: Double slug type, hermetically sealed glass DO-35 DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A --- .166 --- 4.2 B --- .079 --- 2.00 C --- .020 --- .52 D 1.000 --- 25.40 --- A B C D D Cathode Mark omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC TM Micro Commercial Components • Metallurgical Bonded Construction Revision: B 20 12/01/01 www.mccsemi.com 1 of 5 • Marking : Cathode band and type number Thermal Resistance, Junction to lead @3/8" lead length from body RthJL 250 oC/W • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) • Moisture Sensitivity: Level 1 Note: 1. Lead in Glass Exemption Applied, see EU Directive Annex 7(C)-I. NOT RECOMMENDED FOR NEW DESIGNS |
Số phần tương tự - 1N4116 |
|
Mô tả tương tự - 1N4116 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |