công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAS1000-3BCPZ-RL bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADAS1000-3BCPZ-RL
Giải thích chi tiết về linh kiện  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-3BCPZ-RL bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADAS1000-3BCPZ-RL Datasheet HTML 1Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 2Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 3Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 4Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 5Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 6Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 7Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 8Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Low Power, Three Electrode
Electrocardiogram (ECG) Analog Front End
Data Sheet
ADAS1000-3/ADAS1000-4
FEATURES
Biopotential signals in; digitized signals out
3 acquisition (ECG) channels and one driven lead
Can be ganged for 8 electrode + RLD using master
ADAS1000 or ADAS1000-1
AC and DC lead-off detection
Internal pace detection algorithm on 3 leads
Support for user’s own pace
Thoracic impedance measurement (internal/external path)
Selectable reference lead
Scalable noise vs. power control, power-down modes
Low power operation from
11 mW (1 lead), 15 mW (3 leads)
Lead or electrode data available
Supports AAMI EC11:1991/(R)2001/(R)2007, AAMI EC38
R2007, EC13:2002/(R)2007, IEC60601-1 ed. 3.0 b:2005,
IEC60601-2-25 ed. 2.0 :2011, IEC60601-2-27 ed. 2.0
b:2005, IEC60601-2-51 ed. 1.0 b: 2005
Fast overload recovery
Low or high speed data output rates
Serial interface SPI-/QSPI™-/DSP-compatible
56-lead LFCSP package (9 mm × 9 mm)
64-lead LQFP package (10 mm × 10 mm body size)
APPLICATIONS
ECG: monitor and diagnostic
Bedside patient monitoring, portable telemetry, Holter,
AED, cardiac defibrillators, ambulatory monitors, pace
maker programmer, patient transport, stress testing
GENERAL DESCRIPTION
The ADAS1000-3/ADAS1000-4 measure electro cardiac (ECG)
signals, thoracic impedance, pacing artifacts, and lead-on/off
status and output this information in the form of a data frame
supplying either lead/vector or electrode data at programmable
data rates. Its low power and small size make it suitable for
portable, battery-powered applications. The high performance
also makes it suitable for higher end diagnostic machines.
The ADAS1000-4 is a full-featured, 3-channel ECG including
respiration and pace detection, while the ADAS1000-3 offers
only ECG channels with no respiration or pace features.
The ADAS1000-3/ADAS1000-4 are designed to simplify
the task of acquiring and ensuring quality ECG signals.
They provide a low power, small data acquisition system for
biopotential applications. Auxiliary features that aid in better
quality ECG signal acquisition include: multichannel averaged
driven lead, selectable reference drive, fast overload recovery,
flexible respiration circuitry returning magnitude and phase
information, internal pace detection algorithm operating
on three leads, and the option of ac or dc lead-off detection.
Several digital output options ensure flexibility when monitor-
ing and analyzing signals. Value-added cardiac post processing
is executed externally on a DSP, microprocessor, or FPGA.
Because ECG systems span different applications, the
ADAS1000-3/ADAS1000-4 feature a power/noise scaling
architecture where the noise can be reduced at the expense
of increasing power consumption. Signal acquisition channels
may be shut down to save power. Data rates can be reduced to
save power.
To ease manufacturing tests and development as well as offer
holistic power-up testing, the ADAS1000-3/ADAS1000-4
offer a suite of features, such as dc and ac test excitation via
the calibration DAC and CRC redundancy testing in addition
to readback of all relevant register address space.
The input structure is a differential amplifier input thereby
allowing users a variety of configuration options to best suit
their application.
The ADAS1000-3/ADAS1000-4 are available in two package
options: either a 56-lead LFCSP or a 64-lead LQFP package;
they are specified over −40°C to +85°C temperature range.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Số phần tương tự - ADAS1000-3BCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAS1000-3 AD-ADAS1000-3 Datasheet
1Mb / 80P
   Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
More results

Mô tả tương tự - ADAS1000-3BCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAS1000 AD-ADAS1000 Datasheet
131Kb / 3P
   Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End
Rev. Pr.D
ADAS1000 AD-ADAS1000_17 Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000BSTZ AD-ADAS1000BSTZ Datasheet
1Mb / 80P
   Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030 Datasheet
1Mb / 66P
   Three-Channel Analog Front-End Device
2005
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
   Three-Channel Analog Front-End Device
2005-2013
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
   3V Three-Channel Analog Front End
03/25/14
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
   Three-Channel Analog Front-End Device
08/24/05
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com