công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAS1000-3BCPZ-RL bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADAS1000-3BCPZ-RL
Giải thích chi tiết về linh kiện  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-3BCPZ-RL bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADAS1000-3BCPZ-RL Datasheet HTML 4Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 5Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 6Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 7Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 8Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 9Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 10Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 11Page - Analog Devices ADAS1000-3BCPZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
ADAS1000-3/ADAS1000-4
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK_IO
External clock source supplied to CLK_IO; this pin
is configured as an input when the device is
programmed as a slave
Operating Frequency2
8.192
MHz
Input Duty Cycle2
20
80
%
Output Duty Cycle2
50
%
DIGITAL INPUTS
Applies to all digital inputs
Input Low Voltage, VIL
0.3 × IOVDD
V
Input High Voltage, VIH
0.7 × IOVDD
V
Input Current, IIH, IIL
−1
+1
μA
−20
+20
μA
EE
AA
has an internal pull-up resistor
RESET
Pin Capacitance2
3
pF
DIGITAL OUTPUTS
Output Low Voltage, VOL
0.4
V
ISINK = 1 mA
Output High Voltage, VOH
IOVDD − 0.4
V
ISOURCE = −1 mA
Output Rise/Fall Time
4
ns
Capacitive load = 15 pF, 20% to 80%
DVDD REGULATOR
Internal 1.8 V regulator for DVDD
Output Voltage
1.75
1.8
1.85
V
Available Current1
1
mA
Droop < 10 mV; for external device loading purposes
Short-Circuit Current Limit
40
mA
ADCVDD REGULATOR
Internal 1.8 V regulator for ADCVDD; not
recommended as a supply for other circuitry
Output Voltage
1.75
1.8
1.85
V
Short-Circuit Current Limit
40
mA
POWER SUPPLY RANGES2
AVDD
3.15
3.3
5.5
V
IOVDD
1.65
3.6
V
ADCVDD
1.71
1.8
1.89
V
If applied by external 1.8 V regulator
DVDD
1.71
1.8
1.89
V
If applied by external 1.8 V regulator
POWER SUPPLY CURRENTS
AVDD Standby Current
785
975
μA
IOVDD Standby Current
1
60
μA
EXTERNALLY SUPPLIED ADCVDD
AND DVDD
All three channels enabled, RLD enabled, pace enabled
AVDD Current
2.4
4.1
mA
High performance mode
2.2
4.1
mA
Low performance mode
3.2
mA
High performance mode, respiration enabled
ADCVDD Current
4.5
6.5
mA
High performance mode
3.3
5.5
mA
Low performance mode
5.4
mA
High performance mode, respiration enabled
DVDD Current
2.0
4
mA
High performance mode
1.1
3
mA
Low performance mode
2.0
mA
High performance mode, respiration enabled
INTERNALLY SUPPLIED ADCVDD
AND DVDD
All three channels enabled, RLD enabled, pace enabled
AVDD Current
9
12.6
mA
High performance mode
6.6
9.6
mA
Low performance mode
11
14.6
mA
High performance mode, respiration enabled
POWER DISSIPATION
All 3 channels enabled, RLD enabled, pace enabled
Externally Supplied ADCVDD
and DVDD3
Three Input Channels and RLD
19.6
mW
High performance (low noise)
15.2
mW
Low power mode
Internally Supplied ADCVDD
and DVDD
All three channels enabled, RLD enabled, pace enabled
Three Input Channels and RLD
29.7
mW
High performance (low noise)
21.8
mW
Low power mode
Rev. B | Page 8 of 80


Số phần tương tự - ADAS1000-3BCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAS1000-3 AD-ADAS1000-3 Datasheet
1Mb / 80P
   Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
More results

Mô tả tương tự - ADAS1000-3BCPZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAS1000 AD-ADAS1000 Datasheet
131Kb / 3P
   Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End
Rev. Pr.D
ADAS1000 AD-ADAS1000_17 Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000BSTZ AD-ADAS1000BSTZ Datasheet
1Mb / 80P
   Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030 Datasheet
1Mb / 66P
   Three-Channel Analog Front-End Device
2005
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
   Three-Channel Analog Front-End Device
2005-2013
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
   3V Three-Channel Analog Front End
03/25/14
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
   Three-Channel Analog Front-End Device
08/24/05
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com