công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADPQ-2-250+ bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện ADPQ-2-250+
Giải thích chi tiết về linh kiện  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADPQ-2-250+ bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  ADPQ-2-250+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
A
B
C
D
E
F
G
.272
.310
.220
.100
.206
.055
.100
6.91
7.87
5.59
2.54
5.23
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.40
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
ADPQ-2-250
TOTAL LOSS
2.4
2.8
3.2
3.6
4.0
4.4
150
170
190
210
230
250
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
Typical Performance Data
Electrical Specifications
Maximum Ratings
Pin Connections
SUM PORT
6
PORT 1 (0°)
4
PORT 2 (+90°)
1
GROUND
2,5
50 OHM TERM EXTERNAL
3
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
ADPQ-2-250+
ADPQ-2-250
2 Way-90°
50Ω
150 to 250 MHz
Power Splitter/Combiner
REV. E
M151107
ADPQ-2-250
ED-8187/1
LC/TD/CP/AM
150522
Surface Mount
Features
• excellent amplitude unbalance, 0.7 dB typ.
and phase unbalance, 0.4 dB typ.
• very low insertion loss, 0.2 dB typ.
• excellent VSWR, 1.15 typ.
• excellent isolation, 24 dB typ.
• aqueous washable
• protected under U.S. Patent 6,133,525
Applications
• VHF TV
CASE STYLE: CD637
ADPQ-2-250
ISOLATION
20
22
24
26
28
30
150
170
190
210
230
250
FREQUENCY (MHz)
ADPQ-2-250
PHASE UNBALANCE
89.2
89.6
90.0
90.4
90.8
91.2
91.6
150
170
190
210
230
250
FREQUENCY (MHz)
electrical schematic
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
Avg. of Coupled Outputs
ABOVE 3 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
Typ. Min.
Typ. Max.
Max.
Max.
150-250
24
17
0.2
0.7
4
1.4
Outline Drawing
Outline Dimensions (
)
inch
mm
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Demo Board MCL P/N: TB-211
Suggested PCB Layout (PL-097)
150.00
2.81
3.53
0.72
24.70
89.44
1.13
1.13
1.14
160.00
2.99
3.34
0.34
24.75
89.48
1.14
1.14
1.14
170.00
3.16
3.17
0.01
24.79
89.58
1.14
1.14
1.15
180.00
3.31
3.06
0.25
24.79
89.62
1.14
1.14
1.15
190.00
3.44
2.95
0.49
24.74
89.74
1.15
1.15
1.16
200.00
3.54
2.88
0.67
24.60
89.87
1.15
1.15
1.17
208.00
3.62
2.83
0.78
24.40
90.01
1.16
1.15
1.17
212.00
3.65
2.81
0.83
24.30
90.10
1.16
1.16
1.18
216.00
3.67
2.80
0.87
24.15
90.14
1.16
1.16
1.18
220.00
3.69
2.79
0.90
23.97
90.18
1.16
1.16
1.18
232.00
3.73
2.79
0.94
23.35
90.48
1.17
1.17
1.20
240.00
3.74
2.80
0.94
22.79
90.76
1.18
1.18
1.21
244.00
3.74
2.82
0.92
22.46
90.91
1.19
1.18
1.22
248.00
3.73
2.84
0.89
22.12
91.04
1.19
1.19
1.22
252.00
3.73
2.88
0.85
21.75
91.22
1.20
1.19
1.23
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 3dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Số phần tương tự - ADPQ-2-250+

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
ADP MORNSUN-ADP Datasheet
196Kb / 2P
   ADP Series Special for LCD Power supply
logo
Adam Technologies, Inc.
ADP-07-235-95-SR ADAM-TECH-ADP-07-235-95-SR Datasheet
192Kb / 1P
   0.7 DC PLUG
ADP-082-216-374 ADAM-TECH-ADP-082-216-374 Datasheet
86Kb / 1P
   2.1 DC PLUG
ADP-082-216-374-SR ADAM-TECH-ADP-082-216-374-SR Datasheet
88Kb / 1P
   2.1 DC PLUG
ADP-083-217-366-SR ADAM-TECH-ADP-083-217-366-SR Datasheet
72Kb / 1P
   909 Rahway Avenue
More results

Mô tả tương tự - ADPQ-2-250+

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com