công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2315TMX bảng dữ liệu(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2315TMX
Giải thích chi tiết về linh kiện  1.2 GHz Frequency Synthesizer for RF Personal Communications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2315TMX bảng dữ liệu(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2315TMX Datasheet HTML 7Page - National Semiconductor (TI) LMX2315TMX Datasheet HTML 8Page - National Semiconductor (TI) LMX2315TMX Datasheet HTML 9Page - National Semiconductor (TI) LMX2315TMX Datasheet HTML 10Page - National Semiconductor (TI) LMX2315TMX Datasheet HTML 11Page - National Semiconductor (TI) LMX2315TMX Datasheet HTML 12Page - National Semiconductor (TI) LMX2315TMX Datasheet HTML 13Page - National Semiconductor (TI) LMX2315TMX Datasheet HTML 14Page - National Semiconductor (TI) LMX2315TMX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Functional Description (Continued)
SERIAL DATA INPUT TIMING
TLW11766 – 8
Notes
Parenthesis data indicates programmable reference divider data
Data shifted into register on clock rising edge
Data is shifted in MSB first
Test Conditions
The Serial Data Input Timing is tested using a symmetrical waveform around VCC 2 The test waveform has an edge rate of 06 Vns with
amplitudes of 22V
VCC e 27V and 26V
VCC e 55V
Phase Characteristics
In normal operation the FC pin is used to reverse the polari-
ty of the phase detector Both the internal and any external
charge pump are affected
Depending upon VCO characteristics FC pin should be set
accordingly
When VCO characteristics are like (1) FC should be set
HIGH or OPEN CIRCUIT
When VCO characteristics are like (2) FC should be set
LOW
When FC is set HIGH or OPEN CIRCUIT the monitor pin of
the phase comparator input fout is set to the reference
divider output fr When FC is set LOW fout is set to the
programmable divider output fp
VCO Characteristics
TLW11766 – 9
PHASE COMPARATOR AND INTERNAL CHARGE PUMP CHARACTERISTICS
TLW11766 – 10
Notes
Phase difference detection range b2q to a2q
The minimum width pump up and pump down current pulses occur at the Do pin when the loop is locked
FC e HIGH
11


Số phần tương tự - LMX2315TMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2315TMX NSC-LMX2315TMX Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2315TMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
   PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com