công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADATE320-1KCPZ bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADATE320-1KCPZ
Giải thích chi tiết về linh kiện  1.25 GHz Dual Integrated DCL
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADATE320-1KCPZ bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADATE320-1KCPZ Datasheet HTML 1Page - Analog Devices ADATE320-1KCPZ Datasheet HTML 2Page - Analog Devices ADATE320-1KCPZ Datasheet HTML 3Page - Analog Devices ADATE320-1KCPZ Datasheet HTML 4Page - Analog Devices ADATE320-1KCPZ Datasheet HTML 5Page - Analog Devices ADATE320-1KCPZ Datasheet HTML 6Page - Analog Devices ADATE320-1KCPZ Datasheet HTML 7Page - Analog Devices ADATE320-1KCPZ Datasheet HTML 8Page - Analog Devices ADATE320-1KCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 4 of 82
SPECIFICATIONS
VCC = 8.0 V, VDD = 1.8 V, VEE = −5.0 V, VTTCx = VTTDx = 1.2 V, VREF = 2.500 V, VREFGND = 0.000 V. All default test conditions are as defined in
Table 30. All specified values are at TJ = 60°C, where TJ corresponds to the typical internal temperature sensor reading (VTHERM pin), unless
otherwise noted. Temperature coefficients are measured around TJ = 40°C, 60°C, 80°C, and 100°C. Typical values are based on the
statistical mean of the design, simulation analyses, and/or limited bench evaluation data. Typical values are neither tested nor guaranteed.
Test level codes are defined in the Explanation of Test Levels section.
ELECTRICAL SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
DUTx PIN CHARACTERISTICS
Output Leakage Current
DCL Disable
PPMU Range E
−10.0
+5.0
+10.0
nA
P
−1.5 V < VDUTx < +4.5 V, PPMU and DCL disabled, PPMU
Range E, VCLx = −2.5 V, VCHx = +7.5 V
PPMU Range A to
Range D
5.0
nA
CT
−1.5 V < VDUTx < +4.5V, PPMU and DCL disabled, PPMU Range A,
Range B, Range C, and Range D, VCLx = −2.5V, VCHx = +7.5 V
Driver High-Z Mode
−0.4
+0.4
µA
P
−1.5 V < VDUTx < +4.5 V, PPMU disabled and DCL enabled,
RCV active, VCLx = −2.5 V, VCHx = +7.5 V
Capacitance
0.4
pF
S
Drive VITx = 0.0 V
Voltage Range
−1.5
+4.5
V
D
POWER SUPPLIES
Power measured with the DUTx pin high-Z, 10 K to 0.0 V
Positive DCL Supply, VCC
7.6
8.0
8.4
V
D
Defines dc power supply rejection (PSR) conditions
Negative DCL Supply, VEE
−5.25
−5.0
−4.75
V
D
Defines dc PSR conditions
Digital Supply, VDD
1.7
1.8
1.9
V
D
Comparator Termination,
VTTCx
0.5
1.2
1.8
V
D
VTTC0 is not electrically connected to VTTC1
Driver Termination, VTTDx
0.0
1.2
1.8
V
D
VTTD0 is not electrically connected to VTTD1
Positive DCL Supply
Current, ICC
Load and PPMU power-down
ADATE320
145
169
185
mA
P
ADATE320-1
145
169
185
mA
P
Negative DCL Supply
Current, IEE
Load and PPMU power-down
ADATE320
190
222
235
mA
P
ADATE320-1
220
247
265
mA
P
Digital Core Supply
Current, IDD
−125
+10
+125
μA
P
Quiescent (SPI is static)
Comparator Termination
Supply Current, VTTCx
0.5 V ≤ VTTCx ≤ 1.8 V
ADATE320
41
mA
CT
ADATE320-1
66
mA
CT
Driver Termination Supply
Current, VTTDx
0
mA
CT
0.0 V ≤ VTTDx ≤ 1.8 V, (DATx + DATx)/2 = (RCVx + RCVx)/2 = VTTDx
Total Power Dissipation
Load and PPMU power-down
ADATE320
2.10
2.52
2.75
W
P
ADATE320-1
2.25
2.66
2.90
W
P


Số phần tương tự - ADATE320-1KCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results

Mô tả tương tự - ADATE320-1KCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
   200 MHz Dual Integrated DCL
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
   500 MHz Dual Integrated DCL
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
   500 MHz Dual DCL
REV. 0
ADATE206 AD-ADATE206_15 Datasheet
348Kb / 16P
   500 MHz Dual DCL
REV. A
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
   2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE205 AD-ADATE205_15 Datasheet
347Kb / 16P
   250 MHz Dual DCL
REV. A
ADATE205 AD-ADATE205 Datasheet
389Kb / 16P
   250 MHz Dual DCL
REV. 0
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
   600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com