công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADATE320KCPZ bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADATE320KCPZ
Giải thích chi tiết về linh kiện  1.25 GHz Dual Integrated DCL
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 2Page - Analog Devices ADATE320KCPZ Datasheet HTML 3Page - Analog Devices ADATE320KCPZ Datasheet HTML 4Page - Analog Devices ADATE320KCPZ Datasheet HTML 5Page - Analog Devices ADATE320KCPZ Datasheet HTML 6Page - Analog Devices ADATE320KCPZ Datasheet HTML 7Page - Analog Devices ADATE320KCPZ Datasheet HTML 8Page - Analog Devices ADATE320KCPZ Datasheet HTML 9Page - Analog Devices ADATE320KCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 5 of 82
DRIVER SPECIFICATIONS
VIH − VIL ≥ 100 mV to meet dc and ac performance specifications.
Table 2.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
High Speed Differential Input
Characteristics
High Speed Input Termination
Resistance: DATx/DATx,
RCVx/RCVx
48
50
52
Ω
P
Impedance between VTTDx and respective DATx and
RCVx pins; force 4 mA into each pin, measure voltage
from VTTDx; calculate resistance (∆V/∆I)
Input Voltage Range:
DATx/DATx, RCVx/RCVx
0.0
1.8
V
PF
Input Voltage Differential
0.2
0.4
1.0
V
PF
|DATx − DATx|, |RCVx − RCVx|
Output Characteristics
Output Range
High, VIH
−1.4
+4.5
V
D
Low, VIL
−1.5
+4.4
V
D
Output Term Range, VIT
−1.5
+4.5
V
D
Functional Amplitude (VIH −
VIL)
0.05
6.0
V
D
DC Output Current Limit
Source
75
120
mA
P
Drive high, VIH = 4.5 V, VDUTx = −2.0 V, measure current
Sink
−120
−75
mA
P
Drive low, VIL = −1.5 V, VDUTx = 5.0 V, measure current
Output Resistance, ±40 mA
46
48.5
52
Ω
P
∆VDUTx/∆IDUTx; source: VIHx = 3.0 V, IDUTx = 1 mA, 40 mA;
sink: VIL = 0.0 V, IDUTx = −1 mA, −40 mA
DC ACCURACY
VIH tests with VIL = −2.5 V, VIT = −2.5 V; VIL tests with VIH =
7.5 V, VIT = 7.5 V; VIT tests with VIL = −2.5 V, VIH = 7.5 V,
unless otherwise noted within this parameter
VIH, VIL, VIT
Offset Error
−500
+500
mV
P
Measured at DAC Code 0x4000 (0.0 V), uncalibrated
Offset Temperature Coefficient
(TC)
±200
µV/°C
CT
Gain
1.0
1.1
V/V
P
Gain derived from measurement at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V); based on an ideal
DAC transfer function (see Table 24)
Gain TC
±50
ppm/°C
CT
Differential Nonlinearity
(DNL)
±250
µV
CT
After two-point gain/offset calibration; calibration
points at 0x4000 (0.0 V) output; 0x8CCC (3.0 V);
measured over full specified output range
Integral Nonlinearity (INL)
Focused Range
−5
+5
mV
P
After two-point gain/offset calibration; calibration
points at 0x4000 (0.0 V) and 0x8CCC (3.0 V); measured
over −0.5 V to +3.5 V output range
INL Full Range
−20
+20
mV
P
After two-point gain/offset calibration; calibration
points at 0x4000 (0.0 V) and 0x8CCC (3.0 V); measured
over full specified output range
Resolution
153
µV
D
DUTGND Voltage Accuracy
−5
±1
+5
mV
P
Over ±0.1 V range; measured over −0.5 V to +3.5 V
focused driver output range
DC Levels Interaction
DC interaction on VIL, VIH, and VIT output levels while
other driver DAC levels are varied
VIH vs. VIL
±1.0
mV
CT
Monitor interaction on VIH = +4.5 V; sweep VIL = −1.5 V
to +4.4 V, VIT = +1.0 V
VIH vs. VIT
±1.0
mV
CT
Monitor interaction on VIH = +4.5 V; sweep VIT = −1.5 V
to +4.5 V, VIL = 0.0 V
VIL vs. VIH
±1.0
mV
CT
Monitor interaction on VIL = −1.5 V; sweep VIH = −1.4 V
to +4.5 V, VIT = +1.0 V


Số phần tương tự - ADATE320KCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results

Mô tả tương tự - ADATE320KCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
   200 MHz Dual Integrated DCL
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
   500 MHz Dual Integrated DCL
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
   500 MHz Dual DCL
REV. 0
ADATE206 AD-ADATE206_15 Datasheet
348Kb / 16P
   500 MHz Dual DCL
REV. A
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
   2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE205 AD-ADATE205_15 Datasheet
347Kb / 16P
   250 MHz Dual DCL
REV. A
ADATE205 AD-ADATE205 Datasheet
389Kb / 16P
   250 MHz Dual DCL
REV. 0
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
   600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com