công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADATE209 bảng dữ liệu(PDF) 10 Page - Analog Devices |
|
ADATE209 bảng dữ liệu(HTML) 10 Page - Analog Devices |
10 / 17 page ADATE209 Rev. A | Page 9 of 16 Pin No. Mnemonic Description D4 GND Ground. D5 GND Ground. D6 DA1T Termination for Data Input A, Channel 1. D7 DA1 Data Input A. Noninverting input for Channel 1. E1 DA2B Data Input A. Inverting input for Channel 2. E2 GND Ground. E3 VH2 VH Input, Channel 2. E4 GND Ground. E5 VH1 VH Input, Channel 1. E6 GND Ground. E7 DA1B Data Input A. Inverting input for Channel 1. F1 DB2 Data Input B. Noninverting input for Channel 2. F2 DB2T Termination for Data Input B, Channel 2. F3 VL2 VL Input, Channel 2. F4 VCCTHERM Positive Power Supply for Thermal Diode String, 7.0 V. F5 VL1 VL Input, Channel 1. F6 DB1T Termination for Data Input B, Channel 1. F7 DB1 Data Input B. Noninverting input for Channel 1. G1 DB2B Data Input B. Inverting input for Channel 2. G2 CLC2EN Cable-Loss Compensation Control Pin, Channel 2. G3 VT2 VT Input, Channel 2. G4 THERM Thermal Diode Connection. G5 VT1 VT Input, Channel 1. G6 CLC1EN Cable-Loss Compensation Control Pin, Channel 1. G7 DB1B Data Input B. Inverting input for Channel 1. |
Số phần tương tự - ADATE209_17 |
|
Mô tả tương tự - ADATE209_17 |