công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7821TQ bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD7821TQ
Giải thích chi tiết về linh kiện  8-Bit ADC with Track/Hold Function
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7821TQ bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD7821TQ Datasheet HTML 6Page - Analog Devices AD7821TQ Datasheet HTML 7Page - Analog Devices AD7821TQ Datasheet HTML 8Page - Analog Devices AD7821TQ Datasheet HTML 9Page - Analog Devices AD7821TQ Datasheet HTML 10Page - Analog Devices AD7821TQ Datasheet HTML 11Page - Analog Devices AD7821TQ Datasheet HTML 12Page - Analog Devices AD7821TQ Datasheet HTML 13Page - Analog Devices AD7821TQ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AD7821
REV. B
–9–
SIGNAL-TO-NOISE RATIO AND DISTORTION
The dynamic performance of the AD7821 is evaluated by apply-
ing a very low distortion sine wave signal to the analog input
(VIN) which is then sampled at a 512 kHz sampling rate. A Fast
Fourier Transform (FFT) plot is then generated from which
Signal-to-Noise Ratio (SNR) and harmonic distortion data are
obtained.
Figure 8 shows a 2048 point FFT plot of the AD7821 with an
input signal of 100.25 kHz. The SNR is 49.1 dB. It should be
noted that the harmonics are taken into account when calculat-
ing the SNR. The theoretical relationship between SNR and
resolution (N) is expressed by the following equation:
SNR
N
dB
=+
()
602
176
..
(1)
Figure 8. FFT Plot
EFFECTIVE NUMBER OF BITS
By working backwards from Equation (1) it is possible to get a
measure of ADC performance expressed in effective number of
bits (N). A plot of the effective number of bits versus input
frequency is given in the Typical Performance Characteristics
section. The effective number of bits typically falls between 7.7
and 7.9, corresponding to SNR figures of 48.1 dB and 49.7 dB.
INTERMODULATION DISTORTION
For intermodulation distortion (IMD), an FFT plot consisting
of very low distortion sine waves at two frequencies is generated
by sampling an analog input applied to the ADC. Figure 9
shows a 2048 point plot for IMD.
Figure 9. FFT Plot for IMD
HISTOGRAM PLOT
When a sine wave of specified frequency is applied to the VIN input
of the AD7821 and several thousand samples are taken, it is
possible to plot a histogram showing the frequency of occurrence
of each of the 256 ADC codes. A perfect ADC produces a
probability density function described by the equation:
P(V )
=
1
π( A2 −V 2)1/2
where A is the peak amplitude of the sine wave and P(V) is the
probability of occurrence at a voltage V.
If a particular step is wider than the ideal 1 LSB width, then the
code associated with that step will accumulate more counts than
for the code for an ideal step. Likewise, a step narrower than the
ideal width will have fewer counts. Missing codes are easily seen
because a missing code means zero counts for a particular code.
The absence of large spikes in the plot indicates small differ-
ential nonlinearity.
Figure 10 shows a histogram plot for the AD7821, which corre-
sponds very well with the ideal shape. The plot indicates very
small differential nonlinearity and no missing codes for an input
frequency of 100.25 kHz.
Figure 10. Histogram Plot
In digital signal processing applications, where the AD7821 is
used to sample ac signals, it is essential that the signal sampling
occurs at exactly equal intervals. This minimizes errors due to
sampling uncertainty or jitter. A precise timer or clock source,
to start the ADC conversion process, is the best method of gen-
erating equidistant sampling intervals.
The two modes of operation given in the data sheet are suitable
for DSP applications because the sampling instant of the
AD7821 is well defined. VIN is sampled on the falling edge of
WR or RD in the WR-RD or RD modes, respectively.
DIGITAL INTERFACE
The AD7821 has two basic interface modes which are determined
by the status of the MODE pin. When this pin is low, the
converter is in the RD mode, with this pin high, the AD7821 is
set up for the WR-RD mode.
The RD mode is designed for microprocessors that can be driven
into a WAIT state. A READ operation (i.e.,
CS and RD are taken
low) starts a conversion and data is read when the conversion is
complete. The WR-RD mode does not require microprocessor
WAIT states. A WRITE operation (i.e.,
CS and WR are taken
low) initiates a conversion, and a READ operation reads the
result when the conversion is complete.


Số phần tương tự - AD7821TQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7821TQ AD-AD7821TQ Datasheet
249Kb / 12P
   LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
More results

Mô tả tương tự - AD7821TQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com