công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7701TQ bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD7701TQ
Giải thích chi tiết về linh kiện  LC2MOS 16-Bit A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7701TQ bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD7701TQ Datasheet HTML 5Page - Analog Devices AD7701TQ Datasheet HTML 6Page - Analog Devices AD7701TQ Datasheet HTML 7Page - Analog Devices AD7701TQ Datasheet HTML 8Page - Analog Devices AD7701TQ Datasheet HTML 9Page - Analog Devices AD7701TQ Datasheet HTML 10Page - Analog Devices AD7701TQ Datasheet HTML 11Page - Analog Devices AD7701TQ Datasheet HTML 12Page - Analog Devices AD7701TQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
REV. E
–8–
AD7701
Offset Calibration Range
In the system calibration modes (SC2 low), the AD7701 cali-
brates its offset with respect to the AIN pin. The offset calibration
range specification defines the range of voltages, expressed as a
percentage of VREF, that the AD7701 can accept and still accu-
rately calibrate offset.
Full-Scale Calibration Range
This is the range of voltages that the AD7701 can accept in the
system calibration mode and still correctly calibrate full scale.
Input Span
In system calibration schemes, two voltages applied in sequence
to the AD7701’s analog input define the analog input range.
The input span specification defines the minimum and maxi-
mum input voltages from zero to full scale that the AD7701 can
accept and still accurately calibrate gain. The input span is
expressed as a percentage of VREF.
GENERAL DESCRIPTION
The AD7701 is a 16-bit A/D converter with on-chip digital
filtering, intended for the measurement of wide dynamic range,
low frequency signals such as those representing chemical,
physical, or biological processes. It contains a charge-balancing
(sigma-delta) ADC, calibration microcontroller with on-chip
static RAM, clock oscillator, and serial communications port.
The analog input signal to the AD7701 is continuously sampled
at a rate determined by the frequency of the master clock, CLKIN.
A charge-balancing A/D converter (sigma-delta modulator)
converts the sampled signal into a digital pulse train whose duty
cycle contains the digital information. A six-pole Gaussian digi-
tal low-pass filter processes the output of the modulator and
updates the 16-bit output register at a 4 kHz rate. The output
data can be read from the serial port randomly or periodically at
any rate up to 4 kHz.
AD7701
MODE
SDATA
DGND
CLKOUT
CLKIN
AGND
SCLK
SC2
CAL
CS
BP/
UP
DVSS
DVDD
SLEEP
RANGE
SELECT
CALIBRATE
ANALOG
INPUT
ANALOG
GROUND
–5V
ANALOG
SUPPLY
0.1µF
+5V
ANALOG
SUPPLY
2.5V
0.1µF
0.1µF
VOLTAGE
REFERENCE
DRDY
0.1µF
10µF
AVDD
VREF
AIN
AVSS
0.1µF
10µF
READ
READY
READ
(TRANSMIT)
SERIAL
CLOCK
SERIAL
DATA
Figure 7. Typical System Connection Diagram
The AD7701 can perform self-calibration using the on-chip
calibration microcontroller and SRAM to store calibration
parameters. A calibration cycle may be initiated at any time
using the CAL control input.
Other system components may also be included in the calibra-
tion loop to remove offset and gain errors in the input channel.
For battery operation, the AD7701 also offers a standby mode
that reduces idle power consumption to typically 10
µW.
THEORY OF OPERATION
The general block diagram of a sigma-delta ADC is shown in
Figure 8. It contains the following elements:
1. A sample-hold amplifier
2. A differential amplifier or subtracter
3. An analog low-pass filter
4. A 1-bit A/D converter (comparator)
5. A 1-bit DAC
6. A digital low-pass filter
In operation, the analog signal sample is fed to the subtracter,
along with the output of the 1-bit DAC. The filtered difference
signal is fed to the comparator, whose output samples the differ-
ence signal at a frequency many times that of the analog signal
sampling frequency (oversampling).
ANALOG
LOW-PASS
FILTER
COMPARATOR
DIGITAL DATA
S/H AMP
DAC
DIGITAL
FILTER
Figure 8. General Sigma-Delta ADC
Oversampling is fundamental to the operation of sigma-delta
ADCs. Using the quantization noise formula for an ADC:
SNR = (6.02
× number of bits + 1.76) dB
a 1-bit ADC or comparator yields an SNR of 7.78 dB.
The AD7701 samples the input signal at 16 kHz, which spreads
the quantization noise from 0 kHz to 8 kHz. Since the specified
analog input bandwidth of the AD7701 is only 0 Hz to 10 Hz,
the noise energy in this bandwidth would be only 1/800 of the
total quantization noise, even if the noise energy were spread
evenly throughout the spectrum. It is reduced still further by
analog filtering in the modulator loop, which shapes the quanti-
zation noise spectrum to move most of the noise energy to
frequencies above 10 Hz. The SNR performance in the 0 Hz to
10 Hz range is conditioned to the 16-bit level in this fashion.
The output of the comparator provides the digital input for the
1-bit DAC, so the system functions as a negative feedback loop
that minimizes the difference signal. The digital data that repre-
sents the analog input voltage is in the duty cycle of the pulse
train appearing at the output of the comparator. It can be
retrieved as a parallel binary data-word using a digital filter.
Sigma-delta ADCs are generally described by the order of the
analog low-pass filter. A simple example of a first-order, sigma-
delta ADC is shown in Figure 9. This contains only a first-order,
low-pass filter or integrator. It also illustrates the derivation of
the alternative name for these devices: charge-balancing ADCs.


Số phần tương tự - AD7701TQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7701TQ AD-AD7701TQ Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
More results

Mô tả tương tự - AD7701TQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
   16-Bit A/D Converter
Rev. E
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com