công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7703AQ bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD7703AQ
Giải thích chi tiết về linh kiện  20-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7703AQ bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD7703AQ Datasheet HTML 5Page - Analog Devices AD7703AQ Datasheet HTML 6Page - Analog Devices AD7703AQ Datasheet HTML 7Page - Analog Devices AD7703AQ Datasheet HTML 8Page - Analog Devices AD7703AQ Datasheet HTML 9Page - Analog Devices AD7703AQ Datasheet HTML 10Page - Analog Devices AD7703AQ Datasheet HTML 11Page - Analog Devices AD7703AQ Datasheet HTML 12Page - Analog Devices AD7703AQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REV. E
–8–
AD7703
DIGITAL FILTERING
The AD7703’s digital filter behaves like an analog filter, with a
few minor differences.
First, since digital filtering occurs after the analog-to-digital
conversion, it can remove noise injected during the conversion
process. Analog filtering cannot do this.
On the other hand, analog filtering can remove noise superim-
posed on the analog signal before it reaches the ADC. Digital
filtering cannot do this and noise peaks riding on signals near
full scale have the potential to saturate the analog modulator and
digital filter, even though the average value of the signal is within
limits. To alleviate this problem, the AD7703 has overrange
headroom built into the
-
modulator and digital filter that
allows overrange excursions of 100 mV. If noise signals are larger
than this, consideration should be given to analog input filtering,
or to reducing the gain in the input channel so that a full-scale
input (2.5 V) gives only a half-scale input to the AD7703 (1.25 V).
This will provide an overrange capability greater than 100% at
the expense of reducing the dynamic range by one bit (50%).
FILTER CHARACTERISTICS
The cutoff frequency of the digital filter is fCLK/409600. At the
maximum clock frequency of 4.096 MHz, the cutoff frequency
of the filter is 10 Hz and the data update rate is 4 kHz.
Figure 9 shows the filter frequency response. This is a six-pole
Gaussian response that provides 55 dB of 60 Hz rejection for a
10 Hz cutoff frequency. If the clock frequency is halved to give a
5 Hz cutoff, 60 Hz rejection is better than 90 dB.
1
10
100
FREQUENCY – Hz
20
0
–20
–40
–60
–80
–100
–120
–140
–160
f
CLK = 1MHz
f
CLK = 2MHz
f
CLK = 4MHz
Figure 9. Frequency Response of AD7703 Filter
Since the AD7703 contains this low-pass filtering, there is a
settling time associated with step function inputs, and data will
be invalid after a step change until the settling time has elapsed.
The AD7703 is, therefore, unsuitable for high speed multiplex-
ing, where channels are switched and converted sequentially at
high rates, as switching between channels can cause a step change
in the input. However, slow multiplexing of the AD7703 is
possible, provided that the settling time is allowed to elapse
before data for the new channel is accessed.
The output settling of the AD7703 in response to a step input
change is shown in Figure 10. The Gaussian response has fast
settling with no overshoot, and the worst-case settling time to
±0.0007% is 125 ms with a 4.096 MHz master clock frequency.
100
80
60
40
20
0
040
80
120
160
TIME – ms
Figure 10. AD7703 Step Response
USING THE AD7703
SYSTEM DESIGN CONSIDERATIONS
The AD7703 operates differently from successive approximation
ADCs or integrating ADCs. Since it samples the signal continu-
ously, like a tracking ADC, there is no need for a start convert
command. The 20-bit output register is updated at a 4 kHz rate,
and the output can be read at any time, either synchronously or
asynchronously.
CLOCKING
The AD7703 requires a master clock input, which may be an exter-
nal TTL/CMOS compatible clock signal applied to the CLKIN
pin (CLKOUT not used). Alternatively, a crystal of the correct
frequency can be connected between CLKIN and CLKOUT,
when the clock circuit will function as a crystal controlled oscillator.
Figure 11 shows a simple model of the on-chip gate oscillator
and Table II gives some typical capacitor values to be used with
various resonators.
AD7703
C2*
C1*
R1
5M
X1
3
10pF
10pF
gm = 1500 MHO
*SEE TABLE II
2
Figure 11. On-Chip Gate Oscillator


Số phần tương tự - AD7703AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7703AQ AD-AD7703AQ Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
More results

Mô tả tương tự - AD7703AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
   20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
   16-Bit, 20 KHz A/D Converter
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Fujitsu Component Limit...
MB40C360 FUJITSU-MB40C360 Datasheet
83Kb / 8P
   20 MHz 10-bit A/D Converter
logo
Cirrus Logic
CS5504 CIRRUS-CS5504 Datasheet
338Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com