công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7703CR bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD7703CR
Giải thích chi tiết về linh kiện  20-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7703CR bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD7703CR Datasheet HTML 3Page - Analog Devices AD7703CR Datasheet HTML 4Page - Analog Devices AD7703CR Datasheet HTML 5Page - Analog Devices AD7703CR Datasheet HTML 6Page - Analog Devices AD7703CR Datasheet HTML 7Page - Analog Devices AD7703CR Datasheet HTML 8Page - Analog Devices AD7703CR Datasheet HTML 9Page - Analog Devices AD7703CR Datasheet HTML 10Page - Analog Devices AD7703CR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REV. E
–6–
AD7703
PIN CONFIGURATION
DIP, CERDIP, SOIC
MODE
SC1
DGND
CLKOUT
CLKIN
AGND
DVSS
AVSS
AIN
VREF
SDATA
SCLK
SC2
CAL
AVDD
DVDD
DRDY
CS
BP/
UP
SLEEP
TOP VIEW
(Not to Scale)
AD7703
1
2
3
4
5
6
7
8
9
10
14
13
12
11
20
19
18
17
16
15
Table I. Bit Weight Table (2.5 V Reference Voltage)
Unipolar Mode
Bipolar Mode
ppm
ppm
V
LSB
% FS
FS
LSB
% FS
FS
0.596
0.25
0.0000238
0.24
0.13
0.0000119
0.12
1.192
0.5
0.0000477
0.48
0.26
0.0000238
0.24
2.384
1.00
0.0000954
0.95
0.5
0.0000477
0.48
4.768
2.00
0.0001907
1.91
1.00
0.0000954
0.95
9.537
4.00
0.0003814
3.81
2.00
0.0001907
1.91
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic Description
1
MODE
Selects the Serial Interface Mode. If MODE is tied to DGND, the Synchronous External Clocking (SEC)
mode is selected. SCLK is configured as an input, and the output appears without formatting, the MSB
coming first. If MODE is tied to +5 V, the AD7703 operates in the Synchronous Self-Clocking (SSC) mode.
SCLK is configured as an output, with a clock frequency for fCLKIN/4 and 25% duty cycle.
2
CLKOUT
Clock Output to Generate an Internal Master Clock by Connecting a Crystal between CLKOUT and CLKIN.
If an external clock is used, CLKOUT is not connected.
3
CLKIN
Clock Input for External Clock.
4, 17
SC1, SC2
System Calibration Pins. The state of these pins, when CAL is taken high, determines the type of calibration
performed.
5
DGND
Digital Ground. Ground reference for all digital signals.
6DVSS
Digital Negative Supply, –5 V Nominal.
7AVSS
Analog Negative Supply, –5 V Nominal.
8
AGND
Analog Ground. Ground reference for all analog signals.
9AIN
Analog Input.
10
VREF
Voltage Reference Input, 2.5 V Nominal. This determines the value of positive full scale in the Unipolar
mode and the value of both positive and negative full scale in the Bipolar mode.
11
SLEEP
Sleep Mode Pin. When this pin is taken low, the AD7703 goes into a low power mode with typically 10 µW
power consumption.
12
BP/
UP
Bipolar/Unipolar Mode Pin. When this pin is low, the AD7703 is configured for a unipolar input range going
from AGND to VREF. When Pin 12 is high, the AD7703 is configured for a bipolar input range, ±VREF.
13
CAL
Calibration Mode Pin. When CAL is taken high for more than four cycles, the AD7703 is reset and performs
a calibration cycle when CAL is brought low again. The CAL pin can also be used as a strobe to synchronize
the operation of several AD7703s.
14
AVDD
Analog Positive Supply, 5 V Nominal.
15
DVDD
Digital Positive Supply, 5 V Nominal.
16
CS
Chip Select Input. When
CS is brought low, the AD7703 will begin to transmit serial data in a format determined
by the state of the MODE pin.
18
DRDY
Data Ready Output.
DRDY is low when valid data is available in the output register. It goes high after trans-
mission of a word is completed. It also goes high for four clock cycles when a new data-word is being loaded
into the output register, to indicate that valid data is not available, irrespective of whether data transmission
is complete or not.
19
SCLK
Serial Clock Input/Output. The SCLK pin is configured as an input or output, dependent on the type of
serial data transmission that has been selected by the MODE pin. When configured as an output in the
Synchronous Self-Clocking mode, it has a frequency of fCLKIN/4 and a duty cycle of 25%.
20
SDATA
Serial Data Output. The AD7703’s output data is available at this pin as a 20-bit serial word.


Số phần tương tự - AD7703CR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7703CR AD-AD7703CR Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
More results

Mô tả tương tự - AD7703CR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
   20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
   16-Bit, 20 KHz A/D Converter
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Fujitsu Component Limit...
MB40C360 FUJITSU-MB40C360 Datasheet
83Kb / 8P
   20 MHz 10-bit A/D Converter
logo
Cirrus Logic
CS5504 CIRRUS-CS5504 Datasheet
338Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com