công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7701AQ bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD7701AQ
Giải thích chi tiết về linh kiện  LC2MOS 16-Bit A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7701AQ bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD7701AQ Datasheet HTML 4Page - Analog Devices AD7701AQ Datasheet HTML 5Page - Analog Devices AD7701AQ Datasheet HTML 6Page - Analog Devices AD7701AQ Datasheet HTML 7Page - Analog Devices AD7701AQ Datasheet HTML 8Page - Analog Devices AD7701AQ Datasheet HTML 9Page - Analog Devices AD7701AQ Datasheet HTML 10Page - Analog Devices AD7701AQ Datasheet HTML 11Page - Analog Devices AD7701AQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
REV. E
AD7701
–7–
1.6mA
200µA
CL
100pF
TO
OUTPUT
PIN
IOH
2.1V
+
IOL
Figure 1. Load Circuit for Access
Time and Bus Relinquish Time
DATA
VALID
t
10
HI-Z
SDATA
CS
Figure 3. SSC Mode Data
Hold Time
CAL
SC1, SC2
SC1, SC2 VALID
t
1
t
2
Figure 2a. Calibration Control Timing
DATA
VALID
t
15
HI-Z
SDATA
CS
Figure 4a. SEC Mode Data Hold Time
CLKIN
SLEEP
t
3
Figure 2b.
SLEEP Mode Timing
HI-Z
DB15 DB14
DB1
DB0
HI-Z
SDATA
DRDY
CS
t
12
t
11
t
13
t
14
SCLK
t
16
Figure 4b. SEC Mode Timing Diagram
HI-Z
DB15
DB14
DB1
DB0
HI-Z
SCLK
SDATA
CLKIN
CS
HI-Z
t
7
t
6
t
5
t
4
t
8
t
5
Figure 5. SSC Mode Timing Diagram
HI-Z
START
DB8
DB9
DB7
STOP 1
STOP 2
HI-Z
HIGH BYTE
LOW BYTE
SDATA
SCLK
DRDY
CS
t
17
t
18
t
19
Figure 6. AC Mode Timing Diagram
DEFINITION OF TERMS
Linearity Error
This is the maximum deviation of any code from a straight line
passing through the endpoints of the transfer function. The
endpoints of the transfer function are zero scale (not to be
confused with bipolar zero), a point 0.5 LSB below the first
code transition (000 . . . 000 to 000 . . . 001) and full scale, a
point 1.5 LSB above the last code transition (111 . . . 110 to
111 . . . 111). The error is expressed as a percentage of full scale.
Differential Linearity Error
This is the difference between any code’s actual width and the
ideal (1 LSB) width. Differential linearity error is expressed in
LSBs. A differential linearity specification of
± 1 LSB or less
guarantees monotonicity.
Positive Full-Scale Error
Positive full-scale error is the deviation of the last code transition
(111 . . . 110 to 111 . . . 111) from the ideal (VREF
±3/2 LSBs).
It applies to both positive and negative analog input ranges and
is expressed in microvolts.
Unipolar Offset Error
Unipolar offset error is the deviation of the first code transition
from the ideal (AGND + 0.5 LSB) when operating in the Uni-
polar mode. It is expressed in microvolts.
Bipolar Zero Error
This is the deviation of the midscale transition (0111 . . . 111 to
1000 . . . 000) from the ideal (AGND – 0.5 LSB) when operating
in the Bipolar mode. It is expressed in microvolts.
Bipolar Negative Full-Scale Error
This is the deviation of the first code transition from the ideal
(–VREF + 0.5 LSB) when operating in the Bipolar mode. It is
expressed in microvolts.
Positive Full-Scale Overrange
Positive full-scale overrange is the amount of overhead available
to handle input voltages greater than +VREF (for example, noise
peaks or excess voltages due to system gain errors in system
calibration routines) without introducing errors due to overloading
the analog modulator or overflowing the digital filter. It is
expressed in millivolts.
Negative Full-Scale Overrange
This is the amount of overhead available to handle voltages below
–VREF without overloading the analog modulator or overflowing
the digital filter. Note that the analog input will accept negative
voltage peaks even in the Unipolar mode. The overhead is
expressed in millivolts.


Số phần tương tự - AD7701AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7701AQ AD-AD7701AQ Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
More results

Mô tả tương tự - AD7701AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
   16-Bit A/D Converter
Rev. E
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com