công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5522 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD5522
Giải thích chi tiết về linh kiện  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5522 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD5522 Datasheet HTML 5Page - Analog Devices AD5522 Datasheet HTML 6Page - Analog Devices AD5522 Datasheet HTML 7Page - Analog Devices AD5522 Datasheet HTML 8Page - Analog Devices AD5522 Datasheet HTML 9Page - Analog Devices AD5522 Datasheet HTML 10Page - Analog Devices AD5522 Datasheet HTML 11Page - Analog Devices AD5522 Datasheet HTML 12Page - Analog Devices AD5522 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 8 of 64
Parameter
Min
Typ 1
Max
Unit
Test Conditions/Comments
CURRENT CLAMPS
Clamp Accuracy
Programmed
clamp value
Programmed
clamp value ± 10
% FSC
MI gain = 10, clamp current scales with
selected range
Programmed
clamp value
Programmed
clamp value ± 20
% FSC
MI gain = 5, clamp current scales with selected range
CLL to CLH2
5
% of
IRANGE
CLL < CLH and minimum setting apart, MI gain = 10
10
% of
IRANGE
CLL < CLH and minimum setting apart, MI gain = 5
Recovery Time2
0.5
1.5
μs
Activation Time2
1.5
3
μs
FOHx, EXTFOHx, EXTMEASILx,
EXTMEASIHx, CFFx PINS
Pin Capacitance2
10
pF
Leakage Current
−3
+3
nA
Individual pin on or off switch leakage, measured with
±11 V stress applied to pin, channel enabled, but tristate
Leakage Current Tempco2
±0.01
nA/°C
MEASVHx PIN
Pin Capacitance2
3
pF
Leakage Current
−3
+3
nA
Measured with ±11 V stress applied to pin,
channel enabled, but tristate
Leakage Current Tempco2
±0.01
nA/°C
SYS_SENSE PIN
SYS_SENSE connected, force amplifier inhibited
Pin Capacitance2
3
pF
Switch Impedance
1
1.3
Leakage Current
−3
+3
nA
Measured with ±11 V stress applied to pin, switch off
Leakage Current Tempco2
±0.01
nA/°C
SYS_FORCE PIN
SYS_FORCE connected, force amplifier inhibited
Pin Capacitance2
6
pF
Switch Impedance
60
80
Ω
Leakage Current
−3
+3
nA
Measured with ±11 V stress applied to pin, switch off
Leakage Current Tempco2
±0.01
nA/°C
COMBINED LEAKAGE AT DUT
Includes FOHx, MEASVHx, SYS_SENSE, SYS_FORCE,
EXTMEASILx, EXTMEASIHx, EXTFOHx, and CFFx;
calculation of all the individual leakage contributors
Leakage Current
−15
+15
nA
TJ = 25°C to 70°C
−25
+25
nA
TJ = 25°C to 90°C
Leakage Current Tempco2
±0.1
nA/°C
DUTGNDx PIN
Voltage Range
−500
+500
mV
Leakage Current
−30
+30
nA
MEASOUTx PIN
With respect to AGND
Output Voltage Span
22.5
V
Software programmable output range
Output Impedance
60
80
Ω
Output Leakage Current
−3
+3
nA
With SW12 off
Output Capacitance2
15
pF
Maximum Load Capacitance2
0.5
μF
Output Current Drive2
2
mA
Short-Circuit Current
−10
+10
mA
Slew Rate2
2
V/μs
Enable Time2
150
320
ns
Closing SW12, measured from BUSY rising edge
Disable Time2
400
1100
ns
Opening SW12, measured from BUSY rising edge
MI to MV Switching Time2
200
ns
Measured from BUSY rising edge; does not include
slewing or settling


Số phần tương tự - AD5522

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522 AD-AD5522 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
1Mb / 60P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5522JSVD AD-AD5522JSVD Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522JSVDZ AD-AD5522JSVDZ Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
More results

Mô tả tương tự - AD5522

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522 AD-AD5522_08 Datasheet
1Mb / 60P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5560 AD-AD5560 Datasheet
1Mb / 68P
   1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
REV. D
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com