công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5522 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD5522
Giải thích chi tiết về linh kiện  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5522 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD5522_17 Datasheet HTML 4Page - Analog Devices AD5522_17 Datasheet HTML 5Page - Analog Devices AD5522_17 Datasheet HTML 6Page - Analog Devices AD5522_17 Datasheet HTML 7Page - Analog Devices AD5522_17 Datasheet HTML 8Page - Analog Devices AD5522_17 Datasheet HTML 9Page - Analog Devices AD5522_17 Datasheet HTML 10Page - Analog Devices AD5522_17 Datasheet HTML 11Page - Analog Devices AD5522_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 7 of 64
Parameter
Min
Typ 1
Max
Unit
Test Conditions/Comments
Measure Current Ranges2
Specified current ranges are achieved with VREF = 5 V
and MI gain = 10, or with VREF = 2.5 V and MI gain = 5
±5
µA
Set using internal sense resistor
±20
µA
Set using internal sense resistor
±200
µA
Set using internal sense resistor
±2
mA
Set using internal sense resistor
±80
mA
Set using external sense resistor; internal amplifier
can drive up to ±80 mA
Noise Spectral Density (NSD)2
400
nV/√Hz
1 kHz, MI amplifier only, inputs grounded
FORCE CURRENT
Voltage Compliance, FOHx2
AVSS + 4
AVDD − 4
V
Voltage Compliance, EXTFOHx2
AVSS + 3
AVDD − 3
V
Offset Error
−0.5
+0.5
% FSCR
Measured at midscale code, 0 V, prior to calibration
Offset Error Tempco2
5
ppm FS/°C
Standard deviation = 5 ppm/°C
Gain Error
−1.5
+1.5
% FSCR
Prior to calibration
Gain Error Tempco2
−6
ppm/°C
Standard deviation = 5 ppm/°C
Linearity Error
−0.02
+0.02
% FSCR
Common-Mode Error (Gain = 5)
−0.01
+0.01
% FSCR/V
% of full-scale change per V change in DUT voltage
Common-Mode Error (Gain = 10)
−0.006
+0.006
% FSCR/V
% of full-scale change per V change in DUT voltage
Force Current Ranges
Specified current ranges achieved with VREF = 5 V and
MI gain = 10, or with VREF = 2.5 V and MI gain = 5 V
±5
µA
Set using internal sense resistor, 200 kΩ
±20
µA
Set using internal sense resistor, 50 kΩ
±200
µA
Set using internal sense resistor, 5 kΩ
±2
mA
Set using internal sense resistor, 500 Ω
±80
mA
Set using external sense resistor; internal amplifier
can drive up to ±80 mA
MEASURE VOLTAGE
Measure Voltage Range2
AVSS + 4
AVDD − 4
V
Offset Error
−10
+10
mV
Gain = 1, measured at 0 V
−25
+25
mV
Gain = 0.2, measured at 0 V
Offset Error Tempco2
−1
µV/°C
Standard deviation = 6 µV/°C
Gain Error
−0.25
+0.25
% FSR
MEASOUTx gain = 1
−0.5
+0.5
% FSR
MEASOUTx gain = 0.2
Gain Error Tempco2
1
ppm/°C
Standard deviation = 4 ppm/°C
Linearity Error (MEASOUTx Gain = 1)
−0.01
+0.01
% FSR
Linearity Error (MEASOUTx Gain = 0.2)
−0.01
+0.01
% FSR
AVDD = 15.25 V, AVSS = −15.25 V, offset DAC = 0xA492
−0.06
+0.06
% FSR
AVDD = 28 V, AVSS = −5 V, offset DAC = 0x0
−0.1
+0.1
% FSR
AVDD = −10 V, AVSS = −23 V, offset DAC = 0x3640
Noise Spectral Density (NSD)2
100
nV/√Hz
1 kHz; measure voltage amplifier only, inputs grounded
OFFSET DAC
Span Error
±30
mV
COMPARATOR
Comparator Span
22.5
V
Offset Error
−2
+1
+2
mV
Measured directly at comparator; does not include
measure block errors
Offset Error Tempco2
1
µV/°C
Standard deviation = 2 µV/°C
Propagation Delay2
0.25
μs
VOLTAGE CLAMPS
Clamp Span
22.5
V
Positive Clamp Accuracy
155
mV
Negative Clamp Accuracy
−155
mV
CLL to CLH2
500
mV
CLL < CLH and minimum voltage apart
Recovery Time2
0.5
1.5
μs
Activation Time2
1.5
3
μs


Số phần tương tự - AD5522_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5522JSVD AD-AD5522JSVD Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522JSVDZ AD-AD5522JSVDZ Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522JSVDZ AD-AD5522JSVDZ Datasheet
1Mb / 60P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5522JSVUZ AD-AD5522JSVUZ Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522JSVUZ AD-AD5522JSVUZ Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
More results

Mô tả tương tự - AD5522_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522 AD-AD5522_08 Datasheet
1Mb / 60P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5560 AD-AD5560 Datasheet
1Mb / 68P
   1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
REV. D
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com