công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD1674JN bảng dữ liệu(PDF) 5 Page - Analog Devices |
|
AD1674JN bảng dữ liệu(HTML) 5 Page - Analog Devices |
5 / 13 page AD1674–SPECIFICATIONS AC SPECIFICATIONS AD1674J/A AD1674K/B/T Parameter Min Typ Max Min Typ Max Units Signal to Noise and Distortion (S/N+D) Ratio 2, 3 69 70 70 71 dB Total Harmonic Distortion (THD) 4 –90 –82 –90 –82 dB 0.008 0.008 % Peak Spurious or Peak Harmonic Component –92 –82 –92 –82 dB Full Power Bandwidth 1 1 MHz Full Linear Bandwidth 500 500 kHz Intermodulation Distortion (IMD)5 Second Order Products –90 –80 –90 –80 dB Third Order Products –90 –80 –90 –80 dB SHA (Specifications are Included in Overall Timing Specifications) Aperture Delay 50 50 ns Aperture Jitter 250 250 ps Acquisition Time 1 1 µs DIGITAL SPECIFICATIONS Parameter Test Conditions Min Max Units LOGIC INPUTS VIH High Level Input Voltage +2.0 VLOGIC +0.5 V V VIL Low Level Input Voltage –0.5 +0.8 V IIH High Level Input Current (VIN = 5 V) VIN = VLOGIC –10 +10 µA IIL Low Level Input Current (VIN = 0 V) VIN = 0 V –10 +10 µA CIN Input Capacitance 10 pF LOGIC OUTPUTS VOH High Level Output Voltage IOH = 0.5 mA +2.4 V VOL Low Level Output Voltage IOL = 1.6 mA +0.4 V IOZ High-Z Leakage Current VIN = 0 to VLOGIC –10 +10 µA COZ High-Z Output Capacitance 10 pF NOTES 1f IN amplitude = –0.5 dB (9.44 V p-p) 10 V bipolar mode unless otherwise noted. All measurements referred to –0 dB (9.997 V p-p) input signal unless otherwise noted. 2Specified at worst case temperatures and supplies after one minute warm-up. 3See Figures 12 and 13 for other input frequencies and amplitudes. 4See Figure 11. 5fa = 9.08 kHz, fb = 9.58 kHz with f SAMPLE = 100 kHz. See Definition of Specifications section and Figure 15. All min and max specifications are guaranteed. Specifications subject to change without notice. –4– REV. C (TMIN to TMAX, with VCC = +15 V 10% or +12 V 5%, VLOGIC = +5 V 10%, VEE = –15 V 10% or –12 V 5%, fSAMPLE = 100 kSPS, fIN = 10 kHz, stand-alone mode unless otherwise noted) 1 (for all grades TMIN to TMAX, with VCC = +15 V 10% or +12 V 5%, VLOGIC = +5 V 10%, VEE = –15 V 10% or –12 V 5%) |
Số phần tương tự - AD1674JN |
|
Mô tả tương tự - AD1674JN |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |