công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZM23601 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZM23601
Giải thích chi tiết về linh kiện  36-V, 1-A Step-Down DC-DC Nano Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23601 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMZM23601 Datasheet HTML 6Page - Texas Instruments LMZM23601 Datasheet HTML 7Page - Texas Instruments LMZM23601 Datasheet HTML 8Page - Texas Instruments LMZM23601 Datasheet HTML 9Page - Texas Instruments LMZM23601 Datasheet HTML 10Page - Texas Instruments LMZM23601 Datasheet HTML 11Page - Texas Instruments LMZM23601 Datasheet HTML 12Page - Texas Instruments LMZM23601 Datasheet HTML 13Page - Texas Instruments LMZM23601 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
+
-
+
-
MOSFET
DRIVER
HS CURRENT
SENSE
LS CURRENT
SENSE
OSCILLATOR
PWM
COMP.
ERROR
AMPLIFIER
VOUT
VIN
GND
FB
EN
1-V
REFERENCE
ENABLE
LOGIC
PGOOD
PFM MODE
CONTROL
Copyright © 2017, Texas Instruments Incorporated
INT. REG.
BIAS
VCC
BOOT
MODE/SYNC
SW
UVLO
THERMAL
PROTECTION
CONTROL
LOGIC
MOSFET
DRIVER
VCC
HS
LS
POWER
GOOD
CONTROL
ADJ VOUT OPTION
FIXED VOUT OPTION
OR
10
LMZM23601
SNVSAQ4 – DECEMBER 2017
www.ti.com
Product Folder Links: LMZM23601
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LMZM23601 is a 4-V to 36-V wide-input voltage range, low quiescent current, high-performance DC-DC
module designed specifically for space constrained industrial applications. The device is available in an
adjustable output voltage option with 2.5-V to 15-V output range, as well as fixed 5-V and 3.3-V output options.
The high level of integration and innovative packaging technology utilized in this nano module makes it possible
to design a 5-V or 3.3-V 1-A switching converter solution with only an input capacitor, an output capacitor, and 27
mm² of available board space.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Control Scheme
The LMZM23601 nano module utilizes peak-current-mode-control architecture. This enables the use of wide
range of input voltages while maintaining constant switching frequency and good input and output transient
response. The device can be used with 5-V, 12-V, or 24-V typical industrial input voltage rail. The short minimum
on- and off-times ensure constant frequency regulation over a wide range of input to output voltage conversion
ratios. The adjustable (ADJ) output voltage option operates at 1000-kHz switching frequency. The minimum on-
and off- times allow for a duty factor window of 5% to 91% at 1000-kHz switching frequency. If the input voltage
exceeds approximately 28 V on the ADJ version, the frequency is smoothly reduced from 1000 kHz as a function
of input voltage. The switching frequency reduction allows output voltage regulation and the current mode control
to operate with a duty factor below 5%. The fixed 5-V and 3.3-V output options operate at 750 kHz nominal
switching frequency and the frequency fold back at high input voltage is not active or needed.


Số phần tương tự - LMZM23601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILR TI1-LMZM23601SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILT TI1-LMZM23601SILT Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601V3SILR TI1-LMZM23601V3SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601V3SILT TI1-LMZM23601V3SILT Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
More results

Mô tả tương tự - LMZM23601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
BR300 SANKEN-BR300 Datasheet
347Kb / 10P
   5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
logo
Analog Devices
ADP2442 AD-ADP2442 Datasheet
1Mb / 36P
   36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
Rev. B
logo
Texas Instruments
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com