công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH5401FFKEM bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LMH5401FFKEM
Giải thích chi tiết về linh kiện  6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH5401FFKEM bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMH5401FFKEM Datasheet HTML 2Page - Texas Instruments LMH5401FFKEM Datasheet HTML 3Page - Texas Instruments LMH5401FFKEM Datasheet HTML 4Page - Texas Instruments LMH5401FFKEM Datasheet HTML 5Page - Texas Instruments LMH5401FFKEM Datasheet HTML 6Page - Texas Instruments LMH5401FFKEM Datasheet HTML 7Page - Texas Instruments LMH5401FFKEM Datasheet HTML 8Page - Texas Instruments LMH5401FFKEM Datasheet HTML 9Page - Texas Instruments LMH5401FFKEM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
LMH5401-SP
SBOS849 – DECEMBER 2017
www.ti.com
Product Folder Links: LMH5401-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: VS = 5 V (continued)
The specifications shown below correspond to the respectively identified subgroup temperature (see Table 1), unless
otherwise noted. VS+ = 5.0 V; VS– = 0 V; VCM = 2.5 V; RLtotal = 200-Ω differential
(1); Gp = 8 dB (Gv = 17 dB); single-ended
input, differential output, and RS = 50 Ω (unless otherwise noted)
(2).
PARAMETER
TEST CONDITIONS
SUBGROUP(3)
MIN
TYP
MAX
UNIT
(4)
This test shorts the outputs to ground (mid supply) then sources or sinks 60 mA and measures the deviation from the initial condition.
VICH
Input common-mode
high voltage
[1, 2, 3]
(VS+) – 1.41
(VS+) – 1.2
V
CMRR
Common-mode rejection ratio
Differential, 1-VPP input shift, dc
72
dBc
OUTPUT
VOCRH
Output voltage range, high
Measured single-ended
[1, 2, 3]
(VS+) – 1.3
(VS+) – 1.1
V
VOCRL
Output voltage range, low
Measured single-ended
[1, 2, 3]
(VS–) + 1.3
(VS–) + 1.1
V
VOD
Differential output voltage
swing
Differential
5.8
VPP
IOD
Differential output current
VO = 0 V
(4)
[1, 2, 3]
40
50
mA
POWER SUPPLY
VS
Supply voltage
[1, 2, 3]
3.15
5.25
V
PSRR
Power-supply rejection ratio
VS–
[1, 2, 3]
-44
–80
dB
VS+
[1, 2, 3]
–48
–82
IQ
Quiescent current
PD = 0
[1, 2, 3]
46
60
78
mA
PD = 1
[1, 2, 3]
1
3
6
OUTPUT COMMON-MODE CONTROL PIN (VCM)
SSBW
Small-signal bandwidth
VOCM = 100 mVPP
1.2
GHz
VCM slew rate
VOCM = 500 mVPP
2900
V/µs
VCM voltage range low
Differential gain shift < 1 dB
[1, 2, 3]
(VS–) + 1.4
(VS–) + 2.0
V
VCM voltage range high
Differential gain shift < 1 dB
[1, 2, 3]
(VS+) – 2.0
(VS+) – 1.4
V
VCM gain
VCM = 0 V
[1, 2, 3]
0.98
1.0
1.01
V/V
VOCM output common-mode
offset from VCM input voltage
VCM = 0 V
–27
mV
VOCM
Common-mode offset voltage
Output-referred
0.4
mV
POWER DOWN (PD Pin)
VT
Enable or disable voltage
threshold
Device powers on below 0.8 V,
device powers down above 1.2 V
[1, 2, 3]
0.9
1.1
1.2
V
Power-down quiescent
current
[1, 2, 3]
1
3
6
mA
PD bias current
PD = 2.5 V
[1, 2, 3]
10
±100
µA
Turn-on time delay
Time to VO = 90% of final value
10
ns
Turn-off time delay
Time to VO = 10% of original value
10
ns


Số phần tương tự - LMH5401FFKEM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401FFKEM TI1-LMH5401FFKEM Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
More results

Mô tả tương tự - LMH5401FFKEM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401-SP TI1-LMH5401-SP_18 Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401 TI-LMH5401 Datasheet
3Mb / 56P
[Old version datasheet]   8-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3402 TI1-LMH3402 Datasheet
152Kb / 7P
[Old version datasheet]   LMH3402 Dual, 7-GHz, Low-Noise, Low-Power, Fully Differential Amplifier
logo
Broadcom Corporation.
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
   23 GHz Low Noise Amplifier (21.2??6.5 GHz)
logo
Cirrus Logic
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
logo
Texas Instruments
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com