công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH5401FFKEM bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LMH5401FFKEM
Giải thích chi tiết về linh kiện  6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH5401FFKEM bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMH5401FFKEM Datasheet HTML 1Page - Texas Instruments LMH5401FFKEM Datasheet HTML 2Page - Texas Instruments LMH5401FFKEM Datasheet HTML 3Page - Texas Instruments LMH5401FFKEM Datasheet HTML 4Page - Texas Instruments LMH5401FFKEM Datasheet HTML 5Page - Texas Instruments LMH5401FFKEM Datasheet HTML 6Page - Texas Instruments LMH5401FFKEM Datasheet HTML 7Page - Texas Instruments LMH5401FFKEM Datasheet HTML 8Page - Texas Instruments LMH5401FFKEM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5
LMH5401-SP
www.ti.com
SBOS849 – DECEMBER 2017
Product Folder Links: LMH5401-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Please see Output Reference Nodes and Gain Nomenclature.
(2)
The input resistance and corresponding gain are obtained with the external resistance added.
(3)
For subgroup definitions, please see Table 1.
7.5 Electrical Characteristics: VS = 5 V
The specifications shown below correspond to the respectively identified subgroup temperature (see Table 1), unless
otherwise noted. VS+ = 5.0 V; VS– = 0 V; VCM = 2.5 V; RLtotal = 200-Ω differential
(1); Gp = 8 dB (Gv = 17 dB); single-ended
input, differential output, and RS = 50 Ω (unless otherwise noted)
(2).
PARAMETER
TEST CONDITIONS
SUBGROUP(3)
MIN
TYP
MAX
UNIT
AC PERFORMANCE
GBP
Gain bandwidth product
Gp = 8 dB
6.5
GHz
SSBW
Small-signal, –3-dB
bandwidth
VL = 100 mVPP
4.2
GHz
LSBW
Large-signal, –3-dB
bandwidth
VL = 1.0 VPP
4.0
GHz
Bandwidth for +/- 0.5-dB
flatness
VL = 1.0 VPP
2.9
GHz
SR
Slew rate
2-V step
17500
V/µs
Rise and fall time
1-V step, 10% to 90%
80
ps
Overdrive recovery
Overdrive = ±0.5 V
300
ps
Output balance error
f = 1 GHz
–47
dBc
zo
Output impedance
At dc, differential
[1, 2, 3]
13
20
25
Ω
0.1% settling time
2 V, RL = 200 Ω
1
ns
HD2
Second-order harmonic
distortion
f = 100 MHz, VL = 1 VPP
–91
dBc
f = 200 MHz, VL = 1 VPP
–86
f = 500 MHz, VL = 1 VPP
–80
f = 1 GHz, VL = 1 VPP
–53
f = 2 GHz, VL = 1 VPP
-68
HD3
Third-order harmonic
distortion
f = 100 MHz, VL = 1 VPP
–95
dBc
f = 200 MHz, VL = 1 VPP
–85
f = 500 MHz, VL = 1 VPP
–80
f = 1 GHz, VL = 1 VPP
–70
f = 2 GHz, VL = 1 VPP
-56
IMD2
Second-order intermodulation
f = 500 MHz, VL = 1 VPP per tone
–90
dBc
f = 1 GHz, VL = 1 VPP per tone
–80
f = 2 GHz, VL = 1 VPP per tone
–64
OIP2
Second-order output intercept
point
f = 500 MHz, VL = 1 VPP, matched load
91
dBm
f = 1000 MHz, VL = 1 VPP, matched
load
80
IMD3
Third-order intermodulation
f = 500 MHz, VL = 0.25 VPP per tone
–79
dBc
f = 1 GHz, VL = 0.25 VPP per tone
–61
f = 2 GHz, VL = 0.25 VPP per tone
–42
OIP3
Third-order output intercept
point
f = 500 MHz, VL = 1 VPP, unmatched
load
47.7
dBm
f = 1000 MHz, VL = 1 VPP, unmatched
load
37.5
NOISE PERFORMANCE
en
Input voltage noise density
1.25
nV/
√Hz
in
Input noise current
3.5
pA/
√Hz
NF
Noise figure
RS = 50 Ω, SE-DE, 200 MHz
See Figure 53
9.6
dB
INPUT
VIO
Input offset voltage
[1, 2, 3]
±0.5
±5
mV
IIB
Input bias current
[1, 2, 3]
70
150
µA
IIO
Input offset current
[1, 2, 3]
±1
±20
µA
Differential resistance
Open-loop
4600
Ω
VICL
Input common-mode
low voltage
[1, 2, 3]
VS–
(VS–) +
0.41
V


Số phần tương tự - LMH5401FFKEM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401FFKEM TI1-LMH5401FFKEM Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
More results

Mô tả tương tự - LMH5401FFKEM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401-SP TI1-LMH5401-SP_18 Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401 TI-LMH5401 Datasheet
3Mb / 56P
[Old version datasheet]   8-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3402 TI1-LMH3402 Datasheet
152Kb / 7P
[Old version datasheet]   LMH3402 Dual, 7-GHz, Low-Noise, Low-Power, Fully Differential Amplifier
logo
Broadcom Corporation.
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
   23 GHz Low Noise Amplifier (21.2??6.5 GHz)
logo
Cirrus Logic
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
logo
Texas Instruments
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com