công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMH5401-SP bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
LMH5401-SP bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 51 page 8 LMH5401-SP SBOS849 – DECEMBER 2017 www.ti.com Product Folder Links: LMH5401-SP Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Electrical Characteristics: VS = 3.3 V (continued) The specifications shown below correspond to the respectively identified subgroup temperature (see Table 1), unless otherwise noted. VS+ = 3.3 V; VS– = 0 V; VCM = 1.65 V; RLtotal = 200-Ω differential (1); Gp = 8 dB (Gv = 17 dB); single-ended input, differential output, and input and output referenced to midsupply (unless otherwise noted); measured using an EVM as discussed in the Parameter Measurement Information section. PARAMETER TEST CONDITIONS SUBGROUP(2) MIN TYP MAX UNIT (3) This test shorts the outputs to ground (mid supply) then sources or sinks 60 mA and measures the deviation from the initial condition. VICH Input common-mode high voltage [1, 2, 3] (VS+) – 1.41 (VS+) – 1.2 V CMRR Common-mode rejection ratio Differential, 1-VPP input shift, dc –72 dBc OUTPUT VOCRH Output voltage range, high Measured single-ended [1, 2, 3] (VS+) – 1.3 (VS+) – 1.1 V VOCRL Output voltage range, low Measured single-ended [1, 2, 3] (VS–) + 1.3 (VS–) + 1.1 V VOD Differential output voltage swing Differential 2.8 VPP IOD Differential output current VO = 0 V (3) [1, 2, 3] 30 40 mA POWER SUPPLY VS Supply voltage [1, 2, 3] 3.15 5.25 V PSRR Power-supply rejection ratio VS– [1, 2, 3] –44 –80 dB VS+ [1, 2, 3] –48 –84 IQ Quiescent current PD = 0 [1, 2, 3] 44 54 63 mA PD = 1 [1, 2, 3] 1 1.6 5 OUTPUT COMMON-MODE CONTROL PIN (VCM) SSBW Small-signal bandwidth VOCM = 200 mVPP 3 GHz VCM voltage range low Differential gain shift < 1 dB [1, 2, 3] (VS–) + 1.35 (VS–) + 1.55 V VCM voltage range high Differential gain shift < 1 dB [1, 2, 3] (VS+) – 1.55 (VS+) – 1.35 V VCM gain VCM = 0 V [1, 2, 3] 0.98 1.0 1.01 V/V VOCM output common-mode offset from VCM input voltage VCM = 0 V –27 mV VOCM Common-mode offset voltage Output-referred 0.4 mV POWER DOWN (PD Pin) VT Enable or disable voltage threshold Device powers on below 0.8 V, device powers down above 1.2 V [1, 2, 3] 0.9 1.1 1.2 V Power-down quiescent current [1, 2, 3] 1 1.6 6 mA PD bias current PD = 2.5 V [1, 2, 3] 10 ±100 µA Turn-on time delay Time to VO = 90% of final value 10 ns Turn-off time delay Time to VO = 10% of original value 10 ns |
Số phần tương tự - LMH5401-SP |
|
Mô tả tương tự - LMH5401-SP |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |