công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC56F8357VPY60 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC56F8357VPY60
Giải thích chi tiết về linh kiện  16-bit Digital Signal Processor
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC56F8357VPY60 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC56F8357VPY60 Datasheet HTML 3Page - Motorola, Inc MC56F8357VPY60 Datasheet HTML 4Page - Motorola, Inc MC56F8357VPY60 Datasheet HTML 5Page - Motorola, Inc MC56F8357VPY60 Datasheet HTML 6Page - Motorola, Inc MC56F8357VPY60 Datasheet HTML 7Page - Motorola, Inc MC56F8357VPY60 Datasheet HTML 8Page - Motorola, Inc MC56F8357VPY60 Datasheet HTML 9Page - Motorola, Inc MC56F8357VPY60 Datasheet HTML 10Page - Motorola, Inc MC56F8357VPY60 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 160 page
background image
Architecture Block Diagram
56F8357 Technical Data
7
Preliminary
1.4 Architecture Block Diagram
The 56F8357 architecture is shown in Figure 1-1 and Figure 1-2. Figure 1-1 illustrates how the
56800E system buses communicate with internal memories, the external memory interface and the
IPBus Bridge. Table 1-1 lists the internal buses in the 56800E architecture and provides a brief
description of their function. Figure 1-2 shows the peripherals and control blocks connected to the
IPBus Bridge. The figures do not show the on-board regulator and power and ground signals. They
also do not show the multiplexing between peripherals or the dedicated GPIOs. Please see
Section 2, Signal/Connection Descriptions, to see which signals are multiplexed with those of
other peripherals.
Also shown in Figure 1-2 are connections between the PWM, Timer C and ADC blocks. These
connections allow the PWM and/or Timer C to control the timing of the start of ADC conversions.
The Timer C channel indicated can generate periodic start (SYNC) signals to the ADC to start its
conversions. In another operating mode, the PWM load interrupt (SYNC output) signal is routed
internally to the Timer C input channel as indicated. The timer can then be used to introduce a
controllable delay before generating its output signal. The timer output then triggers the ADC. To
fully understand this interaction, please see the 56F8300 Peripheral User Manual for clarification
on the operation of all three of these peripherals.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC56F8357VPY60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC56F8357VPY60 FREESCALE-MC56F8357VPY60 Datasheet
2Mb / 177P
   16-bit Digital Signal Controllers
More results

Mô tả tương tự - MC56F8357VPY60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
   DSP56F802 16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
DSP56824 NXP-DSP56824 Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
Rev. 2.0, 01/2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com