công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP78LU24-0.5 bảng dữ liệu(PDF) 1 Page - Toppower Electronic Technology Limited

tên linh kiện TP78LU24-0.5
Giải thích chi tiết về linh kiện  Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPPOWER [Toppower Electronic Technology Limited]
Trang chủ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP78LU24-0.5 bảng dữ liệu(HTML) 1 Page - Toppower Electronic Technology Limited

  TP78LU24-0.5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP78LU24-0.5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP78LU24-0.5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP78LUxx-0.5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page1/3
DESCRIPTION:
TP78LUXX-0.5 series has high efficiency, short circuit protection, Thermal shutdown, no heat sink required, Industry
standard pinout.ideal for redialing 78xx linear regulates and are pin compatible.
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC
converters
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ.
Max.
Units
Output voltage accuracy
100% full load, input voltage range
±2
±3
%
Line regulation
Vin=min. to max, at full load
±0.4
±1.0
Load regulation
10% to 100% load
±0.3
±0.6
Ripple & Noise
20MHz bandwidth, 10% to 100% load
20
60
mvp-p
Short circuit input power consumption
Nominal input voltage
0.72
1.2
W
Short circuit protection
Continuous, auto-recovery
Overheating protection
160
Output current limit
Nominal input voltage
700
1200
mA
Switching frequency
Full load, input voltage range
120
800
KHz
Quiescent current
Vin from min to max and at min. load
1
5
mA
Dynamic load
10% to 100% load
±100
mA
1.0
1.5
ms
Temperature coefficient
±0.015
%/℃
Max capacitance load
100
μF
All specifications typical at TA=25
ºC, The GND pin should not be floating while operating, or the module will be damaged.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min
Typ.
Max.
Units
Storage humidity range
95
Operating temp. range
Power derating (above 71
ºC)
-40
85
Storage temp. range
-55
125
Case temp. while Operating
65
100
Lead soldering temperature
Solder joints from the shell edge 1.5mm,10seconds
300
Cooling
Free air convection
Case material
Flame retardant heat-resistant plastic(UL94-V0)
MTBF
25℃(MIL-HDBK-217F)
3500
k hours
71℃(MIL-HDBK-217F)
1500
Weight
4
g
FEATURES
ROHS Compliant
Wide input non-isolated、regulated single output
Efficiency up to 93%
Short circuit protection, Thermal shutdown
Temperature range: -40
ºC ~ +85ºC
Low ripple noise
SIP package, UL94-V0 Compliant
No heat sink required
Industry standard pinout
SELECTION GUIDE
Part Number
Input Voltage (VDC)
Input Voltage (VDC)
Efficiency(%)(Typ.)
Nominal
Nominal
Voltage(VDC)
Current(mA) (Min)
Current(mA) (Max)
Vin (Min)
Vin(Max)
TP78LU3.3-0.5
48
9.0~72.0
3.3
10
500
82
75
TP78LU5.0-0.5
48
9.0~72.0
5.0
10
500
87
81
TP78LU6.5-0.5
48
9.0~72.0
6.5
10
500
91
84
TP78LU9.0-0.5
48
14.0~72.0
9.0
10
500
92
86
TP78LU12-0.5
48
17.0~72.0
12
10
500
93
89
TP78LU15-0.5
48
20.0~72.0
15
10
500
94
90
TP78LU24-0.5
48
36.0~72.0
24
6
300
95
91
The above part number with
“L” suffix are 90°bent pins power converters, for example TP78LU5.0-0.5L


Số phần tương tự - TP78LU24-0.5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TP78LU24-0.5 TOPPOWER-TP78LU24-0.5 Datasheet
271Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
More results

Mô tả tương tự - TP78LU24-0.5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TP78LUXX-0.5 TOPPOWER-TP78LUXX-0.5 Datasheet
271Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
   Non-Isolated Wide Input DC/DC Converters
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com