công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVX132MELG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC74LVX132MELG
Giải thích chi tiết về linh kiện  Quad 2-Input NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX132MELG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC74LVX132MELG Datasheet HTML 1Page - ON Semiconductor MC74LVX132MELG Datasheet HTML 2Page - ON Semiconductor MC74LVX132MELG Datasheet HTML 3Page - ON Semiconductor MC74LVX132MELG Datasheet HTML 4Page - ON Semiconductor MC74LVX132MELG Datasheet HTML 5Page - ON Semiconductor MC74LVX132MELG Datasheet HTML 6Page - ON Semiconductor MC74LVX132MELG Datasheet HTML 7Page - ON Semiconductor MC74LVX132MELG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LVX132
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA = ≤ 85°C
TA = ≤ 125°C
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Min
Max
Unit
VT+
Positive Threshold Voltage
(Figure 5)
2.0
3.0
3.6
1.15
1.50
1.70
1.31
1.82
2.12
1.60
2.25
2.60
1.15
1.50
1.70
1.60
2.25
2.60
1.15
1.50
1.70
1.60
2.25
2.60
V
VT−
Negative Threshold Voltage
(Figure 5)
2.0
3.0
3.6
0.30
0.75
1.00
0.64
1.13
1.46
0.9
1.45
1.90
0.30
0.75
1.00
0.90
1.45
1.90
0.30
0.75
1.00
0.90
1.45
1.90
V
VH
Hysteresis Voltage
(Figure 5)
2.0
3.0
3.6
0.30
0.30
0.35
0.70
0.76
0.69
1.30
1.50
1.60
0.30
0.30
0.35
1.30
1.50
1.60
0.30
0.30
0.35
1.30
1.50
1.60
V
VOH
Minimum High−Level Output
Voltage
VIN = VIH or VIL
IOH = − 50 mA
IOH = − 50 mA
IOH = − 4 mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
1.9
2.9
2.48
1.9
2.9
2.34
V
VOL
Maximum Low−Level Output
Voltage
VIN = VIH or VIL
IOL = 50 mA
IOL = 50 mA
IOL = 4 mA
2.0
3.0
3.0
0.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
0.1
0.1
0.52
V
Iin
Maximum Input Leakage
Current
Vin = 5.5 V or
GND
3.6
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply
Current
Vin = VCC or GND
3.6
2.0
20
20
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
TA = 25°C
TA = ≤ 85°C
TA = ≤ 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay,
AorBtoY
VCC = 2.7V
CL = 15pF
CL = 50pF
7.0
10.0
11.0
16.0
1.0
1.0
13.0
18.7
1.0
1.0
15.0
20.0
ns
A or B to Y
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
5.8
8.3
10.6
15.4
1.0
1.0
12.5
17.5
1.0
1.0
14.5
19.5
tOSHL,
t
Output to Output Skew
(N t 6)
VCC = 2.7V
CL = 50pF
1.5
1.5
1.5
ns
tOSLH
(Note 6)
VCC = 3.3 ± 0.3V
CL = 50pF
1.5
1.5
1.5
Cin
Maximum Input
Capacitance
4
10
10
10
pF
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Note 6)
11
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 4 (per gate). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0 V)
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.3
−0.5
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V


Số phần tương tự - MC74LVX132MELG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
MC74LVX132DR2G ONSEMI-MC74LVX132DR2G Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
MC74LVX132DTG ONSEMI-MC74LVX132DTG Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
MC74LVX132DTR2G ONSEMI-MC74LVX132DTR2G Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
MC74LVX132 ONSEMI-MC74LVX132_14 Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
More results

Mô tả tương tự - MC74LVX132MELG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com