công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS19751 bảng dữ liệu(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS19751
Giải thích chi tiết về linh kiện  Competitive bill of material design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19751 bảng dữ liệu(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19751 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS19751
Taiwan Semiconductor
5
Version: B1605
The Product is Covered by Patents and/or Pending Patent Applications
APPLICATION INFORMATION
Start-up Current
The typical start-up current is around 45μA. The TS19751 has a built-in HV start-up circuit that avoids the need for
a start-up resistor.
Under Voltage Lockout (UVLO)
A hysteresis UVLO comparator is implemented in TS19751. The turn-on and turn-off thresholds level are fixed at
17.5V and 8V respectively. This hysteresis shown in Fig.1 ensures that the start-up capacitor will be adequate to
supply the chip during start-up. For quick start-up of the LED driver, the start-up resistor should be matched with
the start-up capacitor.
Leading-Edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on spike will inevitably occur at the sense resistor. To avoid
fault trigger, a 400ns leading-edge blanking time is built in. Conventional RC filtering can therefore be omitted.
During this blanking period, the current-limit comparator is disabled and cannot switch off the gate driver.
VCC Over Voltage Clamp
VCC is clamped to 19V by an internal clamping circuit to guarantee IC normal operation.
Over Current Protection (OCP)
The TS19751 has built-in cycle by cycle over current protection function on CS pin. As the CS pin voltage is larger
than VOCP (0.5V), the gate output will be turned off immediately to avoid the driver board to be burned out.
Open load Protection (OLP)
To prevent the LED driver from being damaged, the TS19751 has an implemented OLP function. The open load
protection will shut the gate driver when minimum off time keep shorter than 4.5uS.
Over Temperature Protection (OTP)
Internal 165℃ comparator will trigger temperature protection (OTP). OTP will shut down system, until internal
temperature back to 120℃.
Fig.1


Số phần tương tự - TS19751

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS19751ACS TSC-TS19751ACS Datasheet
335Kb / 7P
   Single-Stage Buck Current Control LED Driver with High Voltage MOSFET Integrated
More results

Mô tả tương tự - TS19751

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zetex Semiconductors
ZXLD1350EV3 ZETEX-ZXLD1350EV3 Datasheet
66Kb / 1P
   circuit diagram and bill of materials
ZXSC400EV2 ZETEX-ZXSC400EV2 Datasheet
66Kb / 1P
   circuit diagram and bill of materials
logo
Advanced Crystal Techno...
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
   a range of cost competitive VCXOs
08/11/04
ACT7A01 ACT-ACT7A01 Datasheet
94Kb / 1P
   a range of cost competitive VCXOs
03/04/07
logo
ON Semiconductor
AM306228R1DBGEVB ONSEMI-AM306228R1DBGEVB Datasheet
113Kb / 1P
   Bill of Materials for the AM306228R1DBGEVB Daughterboard
2/11/2010
AM306245R2MMGEVB ONSEMI-AM306245R2MMGEVB Datasheet
159Kb / 1P
   Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
AM305212R1DBGEVB ONSEMI-AM305212R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305212R1DBGEVB Evaluation Board
AM305222R1DBGEVB ONSEMI-AM305222R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305222R1DBGEVB Evaluation Board
logo
Grayhill, Inc
62AG22-L0-020C GRAYHILL-62AG22-L0-020C Datasheet
374Kb / 2P
   Price Competitive Solution
logo
Cymbet Corporation
WP-72-08 CYMBET-WP-72-08 Datasheet
455Kb / 12P
   The 8 Key Competitive Advantages of Solid State Batteries
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com