công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM73606QRNPTQ1 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM73606QRNPTQ1
Giải thích chi tiết về linh kiện  3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM73606QRNPTQ1 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM73606QRNPTQ1 Datasheet HTML 1Page - Texas Instruments LM73606QRNPTQ1 Datasheet HTML 2Page - Texas Instruments LM73606QRNPTQ1 Datasheet HTML 3Page - Texas Instruments LM73606QRNPTQ1 Datasheet HTML 4Page - Texas Instruments LM73606QRNPTQ1 Datasheet HTML 5Page - Texas Instruments LM73606QRNPTQ1 Datasheet HTML 6Page - Texas Instruments LM73606QRNPTQ1 Datasheet HTML 7Page - Texas Instruments LM73606QRNPTQ1 Datasheet HTML 8Page - Texas Instruments LM73606QRNPTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
VCC
RT
BIAS
SS/TRK
2
3
4
23
25
24
PVIN
SW
SW
DAP
PVIN
PGND
SW
22
26
1
5
CBOOT
SW
PGND
21
6
PGND
PGND
20
7
PGOOD
19
8
AGND
9
10
18
17
EN
FB
SYNC/
MODE
16
11
29
28
27
30
13
14
15
12
SW
PVIN
NC
NC
NC
NC
NC
NC
NC
NC
3
LM73605-Q1, LM73606-Q1
www.ti.com
SNVSB12 – NOVEMBER 2017
Product Folder Links: LM73605-Q1 LM73606-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
A = Analog, O = Output, I = Input, G = Ground, P = Power
5 Pin Configuration and Functions
RNP Package
30-Pin Wettable Flanks QFN (WQFN) 6 mm × 4 mm × 0.8 mm
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1, 2, 3, 4, 5
SW
P
Switching output of the regulator. Internally connected to source of the HS FET and drain of the LS
FET. Connect to power inductor and bootstrap capacitor.
6
CBOOT
P
Bootstrap capacitor connection for HS FET driver. Connect a high-quality 470-nF capacitor from
this pin to the SW pin.
7
VCC
P
Output of internal bias supply. Used as supply to internal control circuits and drivers. Connect a
high-quality 2.2-µF capacitor from this pin to GND. TI does not recommend loading this pin by
external circuitry.
8
BIAS
P
Optional BIAS LDO supply input. TI recommends tying to VOUT when 3.3 V ≤ VOUT ≤ 18 V, or tie to
an external 3.3-V or 5-V rail if available, to improve efficiency. BIAS pin voltage must not be
greater than VIN. Tie to ground when not in use.
9
RT
A
Switching frequency setting pin. Place a resistor from this pin to ground to set the switching
frequency. If floating, the default switching frequency is 500 kHz. Do not short to ground.
10
SS/TRK
A
Soft-start control pin. Leave this pin floating for a 5-ms internal soft-start ramp. An external
capacitor can be connected from this pin to ground to extend the soft start time. A 2-µA current
sourced from this pin charges the capacitor to provide the ramp. Connect to external ramp for
tracking. Do not short to ground.
11
FB
I
Feedback input for output voltage regulation. Connect a resistor divider to set the output voltage.
Never short this pin to ground during operation.
12–15,
27–30
NC
No internal connection. Connect to ground net and copper to improve heat sinking and board-level
reliability.
16
PGOOD
O
Open drain power-good flag output. Connect to suitable voltage supply through a current limiting
resistor. High = VOUT regulation OK, Low = VOUT regulation fault. PGOOD = LOW when EN = low
and VIN > 2 V.


Số phần tương tự - LM73606QRNPTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM73606QRNPTQ1 TI-LM73606QRNPTQ1 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM73606QRNPTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM73605 TI1-LM73605_17 Datasheet
1Mb / 53P
[Old version datasheet]   LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com