công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5575-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM5575-Q1
Giải thích chi tiết về linh kiện  Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5575-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM5575-Q1_17 Datasheet HTML 1Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 2Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 3Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 4Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 5Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 6Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 7Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 8Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
BST
SW
COMP
FB
SS
RAMP
RT
VCC
VIN
OUT
IS
GND
LM5575
VIN
VOUT
SYNC
SD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5575-Q1
SNOSB23C – OCTOBER 2008 – REVISED DECEMBER 2014
LM5575-Q1 Simple Switcher® 75-V, 1.5-A Step-Down Switching Regulator
1 Features
3 Description
The
LM5575-Q1
is
an
easy-to-use
SIMPLE
1
LM5575-Q1 is an Automotive Grade Product That
SWITCHER® buck regulator which allows design
is AEC-Q100 Grade 0 Qualified
engineers to design and optimize a robust power
-40°C to 150°C Operating Junction Temperature
supply
using
a
minimum
set
of
components.
Integrated 75-V, 330-m
Ω N-Channel MOSFET
Operating with an input voltage range of 6 - 75 V, the
LM5575-Q1 delivers 1.5 A of continuous output
Ultra-Wide Input Voltage Range From 6 V to 75 V
current
with
an
integrated
330-m
N-Channel
Adjustable Output Voltage as Low as 1.225 V
MOSFET. The regulator utilizes an Emulated Current
1.65% Feedback Reference Accuracy
Mode
architecture
which
provides
inherent
line
regulation, tight load transient response, and ease-of-
Operating Frequency Adjustable Between 50 kHz
loop compensation without the usual limitation of low-
and 500 kHz With Single Resistor
duty cycles associated with current mode regulators.
Master or Slave Frequency Synchronization
The operating frequency is adjustable from 50 kHz to
Adjustable Soft-Start
500 kHz to allow optimization of size and efficiency.
To reduce EMI, a frequency synchronization pin
Emulated Current Mode Control Architecture
allows multiple IC’s from the LM(2)557x devices to
Wide Bandwidth Error Amplifier
self-synchronize or to synchronize to an external
Built-In Protection
clock. The LM5575-Q1 ensures robustness with
cycle-by-cycle current limit, short-circuit protection,
2 Applications
thermal shutdown, and remote shutdown. The device
is available in a power enhanced TSSOP-16 package
Automotive
featuring an exposed die attach pad for thermal
Industrial
dissipation. The LM5575-Q1 is supported by the full
suite of WEBENCH® On-Line design tools.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5575-Q1
HTSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM5575-Q1_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
More results

Mô tả tương tự - LM5575-Q1_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
[Old version datasheet]   Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com