công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5575-Q1 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM5575-Q1
Giải thích chi tiết về linh kiện  Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5575-Q1 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM5575-Q1_17 Datasheet HTML 2Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 3Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 4Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 5Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 6Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 7Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 8Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 9Page - Texas Instruments LM5575-Q1_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM5575-Q1
SNOSB23C – OCTOBER 2008 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C. VIN = 48V, RT = 32.4 kΩ unless otherwise stated.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cycle by Cycle Current Limit Delay
RAMP = 2.5 V
85
ns
SOFT-START
10
µA
SS Current Source
Over full Operating Junction
7
14
Temperature range
OSCILLATOR
200
kHz
Frequency1
Over full Operating Junction
180
220
Temperature range
RT = 11 kΩ
485
kHz
Frequency2
Over full Operating Junction
425
545
Temperature range
SYNC Source Impedance
11
k
SYNC Sink Impedance
110
SYNC Threshold (falling)
1.3
V
RT = 11 kΩ
kHz
SYNC Frequency
Over full Operating Junction
550
Temperature range
Over full Operating Junction
15
ns
SYNC Pulse Width Minimum
Temperature range
RAMP GENERATOR
Vin = 60 V, Vout=10 V
550
µA
Ramp Current 1
Over full Operating Junction
467
633
Temperature range
Vin = 10 V, Vout=10 V
50
µA
Ramp Current 2
Over full Operating Junction
36
64
Temperature range
PWM COMPARATOR
500
ns
Forced Off-time
Over full Operating Junction
390
590
Temperature range
Min On-time
80
ns
COMP to PWM Comparator Offset
0.7
V
ERROR AMPLIFIER
Vfb = COMP
1.225
V
Feedback Voltage
Over full Operating Junction
1.205
1.245
Temperature range
FB Bias Current
17
nA
DC Gain
70
dB
Over full Operating Junction
2.5
mA
COMP Sink / Source Current
Temperature range
Unity Gain Bandwidth
3
MHz
DIODE SENSE RESISTANCE
DSENSE
83
m
THERMAL SHUTDOWN
Tsd
Thermal Shutdown Threshold
180
°C
Thermal Shutdown Hysteresis
25
°C
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM5575-Q1


Số phần tương tự - LM5575-Q1_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
More results

Mô tả tương tự - LM5575-Q1_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
[Old version datasheet]   Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com