công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5338ARMZ-1REEL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD5338ARMZ-1REEL7
Giải thích chi tiết về linh kiện  2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5338ARMZ-1REEL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD5338ARMZ-1REEL7 Datasheet HTML 1Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 2Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 3Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 4Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 5Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5338ARMZ-1REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.5 V to 5.5 V, 250 µA, 2-Wire Interface
Dual-Voltage Output, 8-/10-/12-Bit DACs
AD5337/AD5338/AD5339
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
AD5337
2 buffered 8-bit DACs in 8-lead MSOP
AD5338, AD5338-1
2 buffered 10-bit DACs in 8-lead MSOP
AD5339
2 buffered 12-bit DACs in 8-lead MSOP
Low power operation: 250 mA @ 3 V, 300 mA @ 5 V
2-wire (I2C®compatible) serial interface
2.5 V to 5.5 V power supply
Guaranteed monotonic by design over all codes
Power-down to 80 nA @ 3 V, 200 nA @ 5 V
3 power-down modes
Double-buffered input logic
Output range: 0 V to VREF
Power-on reset to 0 V
Simultaneous update of outputs (LDAC function)
Software clear facility
Data readback facility
On-chip rail-to-rail output buffer amplifiers
Temperature range −40°C to +105°C
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
Industrial process control
GENERAL DESCRIPTION
AD5337/AD5338/AD5339 are dual 8-, 10-, and 12-bit buffered
voltage output DACs in an 8-lead MSOP package, which
operate from a single 2.5 V to 5.5 V supply, consuming 250 µA
at 3 V. On-chip output amplifiers allow rail-to-rail output swing
with a slew rate of 0.7 V/µs. A 2-wire serial interface operates at
clock rates up to 400 kHz. This interface is SMBus-compatible
at VDD < 3.6 V. Multiple devices can be placed on the same bus.
The references for the two DACs are derived from one reference
pin. The outputs of all DACs may be updated simultaneously
using the software LDAC function. The parts incorporate a
power-on reset circuit that ensures that the DAC outputs power
up to 0 V and remain there until a valid write to the device
takes place. A software clear function resets all input and DAC
registers to 0 V. A power-down feature reduces the current
consumption of the devices to 200 nA @ 5 V (80 nA @ 3 V).
The low power consumption of these parts in normal operation
makes them ideally suited to portable battery-operated
equipment. The power consumption is typically 1.5 mW at 5 V
and 0.75 mW at 3 V, reducing to 1 µW in power-down mode.
FUNCTIONAL BLOCK DIAGRAM
SCL
INTERFACE
LOGIC
INPUT
REGISTER
VOUTA
BUFFER
DAC
REGISTER
STRING
DAC A
VDD
REFIN
INPUT
REGISTER
VOUTB
BUFFER
DAC
REGISTER
POWER-ON
RESET
POWER-DOWN
LOGIC
LDAC
STRING
DAC B
A0
SDA
GND
AD5337/AD5338/AD5339
Figure 1.


Số phần tương tự - AD5338ARMZ-1REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5338ARMZ-1REEL7 AD-AD5338ARMZ-1REEL7 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
More results

Mô tả tương tự - AD5338ARMZ-1REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5339 AD-AD5339_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5337 AD-AD5337_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5338 AD-AD5338_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com