công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG3241BKS-500RL7 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện ADG3241BKS-500RL7
Giải thích chi tiết về linh kiện  2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG3241BKS-500RL7 bảng dữ liệu(HTML) 2 Page - Analog Devices

  ADG3241BKS-500RL7 Datasheet HTML 1Page - Analog Devices ADG3241BKS-500RL7 Datasheet HTML 2Page - Analog Devices ADG3241BKS-500RL7 Datasheet HTML 3Page - Analog Devices ADG3241BKS-500RL7 Datasheet HTML 4Page - Analog Devices ADG3241BKS-500RL7 Datasheet HTML 5Page - Analog Devices ADG3241BKS-500RL7 Datasheet HTML 6Page - Analog Devices ADG3241BKS-500RL7 Datasheet HTML 7Page - Analog Devices ADG3241BKS-500RL7 Datasheet HTML 8Page - Analog Devices ADG3241BKS-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
ADG3241–SPECIFICATIONS1
B Version
Parameter
Symbol
Conditions
Min
Typ
2
Max
Unit
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VCC = 2.7 V to 3.6 V
2.0
V
VINH
VCC = 2.3 V to 2.7 V
1.7
V
Input Low Voltage
VINL
VCC = 2.7 V to 3.6 V
0.8
V
VINL
VCC = 2.3 V to 2.7 V
0.7
V
Input Leakage Current
II
±0.01
± 1
µA
OFF State Leakage Current
IOZ
0
≤ A, B ≤ V
CC
±0.01
± 1
µA
ON State Leakage Current
0
≤ A, B ≤ V
CC
±0.01
±1
µA
Maximum Pass Voltage
VP
VA/VB = VCC = SEL = 3.3 V, IO = –5
µA
2.2
2.5
2.7
V
VA/VB = VCC = SEL = 2.5 V, IO = –5
µA
1.5
1.8
2.1
V
VA/VB = VCC = 3.3 V, SEL = 0 V, IO = –5
µA
1.5
1.8
2.1
V
CAPACITANCE
3
A Port Off Capacitance
CA OFF
f = 1 MHz
3.5
pF
B Port Off Capacitance
CB OFF
f = 1 MHz
3.5
pF
A, B Port On Capacitance
CA, CB ON
f = 1 MHz
7
pF
Control Input Capacitance
CIN
f = 1 MHz
4
pF
SWITCHING CHARACTERISTICS
3
Propagation Delay A to B or B to A, tPD
4
tPHL, tPLH
CL = 50 pF, VCC = SEL = 3 V
0.225
ns
Bus Enable Time
BE to A or B5
tPZH, tPZL
VCC = 3.0 V to 3.6 V; SEL = VCC
1
3.2
4.6
ns
Bus Disable Time
BE to A or B5
tPHZ, tPLZ
VCC = 3.0 V to 3.6 V; SEL = VCC
13
4
ns
Bus Enable Time
BE to A or B5
tPZH, tPZL
VCC = 3.0 V to 3.6 V; SEL = 0 V
1
3
4
ns
Bus Disable Time
BE to A or B5
tPHZ, tPLZ
VCC = 3.0 V to 3.6 V; SEL = 0 V
1
2.5
3.8
ns
Bus Enable Time
BE to A or B5
tPZH, tPZL
VCC = 2.3 V to 2.7 V; SEL = VCC
13
4
ns
Bus Disable Time
BE to A or B5
tPHZ, tPLZ
VCC = 2.3 V to 2.7 V; SEL = VCC
1
2.5
3.4
ns
Maximum Data Rate
VCC = SEL = 3.3 V; VA/VB = 2 V
1.5
Gbps
Channel Jitter
VCC = SEL = 3.3 V; VA/VB = 2 V
45
ps p-p
DIGITAL SWITCH
On Resistance
RON
VCC = 3 V, SEL = VCC, VA = 0 V, IBA = 8 mA
4.5
8
VCC = 3 V, SEL = VCC, VA = 1.7 V, IBA = 8 mA
12
28
VCC = 2.3 V, SEL = VCC, VA = 0 V, IBA = 8 mA
5
9
VCC = 2.3 V, SEL = VCC, VA = 1 V, IBA = 8 mA
9
18
VCC = 3 V, SEL = 0 V, VA = 0 V, IBA = 8 mA
5
8
VCC = 3 V, SEL = 0 V, VA = 1 V, IBA = 8 mA
12
POWER REQUIREMENTS
VCC
2.3
3.6
V
Quiescent Power Supply Current
ICC
Digital Inputs = 0 V or VCC; SEL = VCC
0.01
1
µA
Digital Inputs = 0 V or VCC; SEL = 0 V
0.1
0.2
mA
Increase in ICC per Input
6
ICC
VCC = 3.6 V, BE = 3.0 V; SEL = VCC
0.15
8
µA
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Typical values are at 25
°C, unless otherwise stated.
3Guaranteed by design, not subject to production test.
4The digital switch contributes no propagation delay other than the RC delay of the typical R
ON of the switch and the load capacitance when driven by an ideal voltage
source. Since the time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay
of the digital switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
5See Timing Measurement Information section.
6This current applies to the control pin
BE only. The A and B ports contribute no significant ac or dc currents as they transition.
Specifications subject to change without notice.
(VCC = 2.3 V to 3.6 V, GND = 0 V, all specifications TMIN to TMAX, unless
otherwise noted.)


Số phần tương tự - ADG3241BKS-500RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3241BKS-500RL7 AD-ADG3241BKS-500RL7 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
More results

Mô tả tương tự - ADG3241BKS-500RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_06 Datasheet
399Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3243 AD-ADG3243_15 Datasheet
216Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com