công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS112U04IRTET bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS112U04IRTET
Giải thích chi tiết về linh kiện  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112U04IRTET bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS112U04IRTET Datasheet HTML 7Page - Texas Instruments ADS112U04IRTET Datasheet HTML 8Page - Texas Instruments ADS112U04IRTET Datasheet HTML 9Page - Texas Instruments ADS112U04IRTET Datasheet HTML 10Page - Texas Instruments ADS112U04IRTET Datasheet HTML 11Page - Texas Instruments ADS112U04IRTET Datasheet HTML 12Page - Texas Instruments ADS112U04IRTET Datasheet HTML 13Page - Texas Instruments ADS112U04IRTET Datasheet HTML 14Page - Texas Instruments ADS112U04IRTET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Offset Voltage ( V)
0
50
100
150
200
250
300
Temperature (qC)
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
Gain = 1
Gain = 2
Gain = 4
VIN (% of FS)
-100
-80
-60
-40
-20
0
20
40
60
80
100
-15
-10
-5
0
5
10
15
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
Gain = 32
Gain = 64
Gain = 128
VIN (% of FS)
-100
-80
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
Gain = 32
Gain =64
Gain = 128
VIN (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-20
-15
-10
-5
0
5
10
15
20
-40qC
25qC
85qC
125qC
VIN (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-20
-15
-10
-5
0
5
10
15
20
-40qC
25qC
85qC
125qC
11
ADS112U04
www.ti.com
SBAS838 – JANUARY 2018
Product Folder Links: ADS112U04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, and AVSS = 0 V using internal VREF = 2.048 V (unless otherwise noted)
Turbo mode, PGA disabled, VCM = 1.65 V
Figure 12. Differential Input Current vs
Differential Input Voltage
Turbo mode, PGA enabled, VCM = 1.65 V
Figure 13. Differential Input Current vs
Differential Input Voltage
PGA enabled, external reference, best fit
Figure 14. INL vs Differential Input Voltage
PGA enabled, internal reference, best fit
Figure 15. INL vs Differential Input Voltage
PGA enabled, gain = 1, 620 samples
Figure 16. Offset Voltage Histogram
PGA disabled
Figure 17. Input Offset Voltage vs Temperature


Số phần tương tự - ADS112U04IRTET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Mô tả tương tự - ADS112U04IRTET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com