công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS112U04IRTER bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS112U04IRTER
Giải thích chi tiết về linh kiện  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112U04IRTER bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS112U04IRTER Datasheet HTML 1Page - Texas Instruments ADS112U04IRTER Datasheet HTML 2Page - Texas Instruments ADS112U04IRTER Datasheet HTML 3Page - Texas Instruments ADS112U04IRTER Datasheet HTML 4Page - Texas Instruments ADS112U04IRTER Datasheet HTML 5Page - Texas Instruments ADS112U04IRTER Datasheet HTML 6Page - Texas Instruments ADS112U04IRTER Datasheet HTML 7Page - Texas Instruments ADS112U04IRTER Datasheet HTML 8Page - Texas Instruments ADS112U04IRTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
1
RESET
12
GPIO2/DRDY
2
DGND
11
DVDD
3
AVSS
10
AVDD
4
AIN3
9
AIN0
Not to scale
Thermal pad
1
GPIO1
16
RX
2
GPIO0
15
TX
3
RESET
14
GPIO2/DRDY
4
DGND
13
DVDD
5
AVSS
12
AVDD
6
AIN3
11
AIN0
7
AIN2
10
AIN1
8
REFN
9
REFP
Not to scale
3
ADS112U04
www.ti.com
SBAS838 – JANUARY 2018
Product Folder Links: ADS112U04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
RTE Package
16-Pin WQFN
Top View
PW Package
16-Pin TSSOP
Top View
(1)
See the Unused Inputs and Outputs section for details on how to connect unused pins.
Pin Functions
PIN
ANALOG OR DIGITAL
INPUT/OUTPUT
DESCRIPTION(1)
NAME
NO.
RTE
PW
AIN0
9
11
Analog input
Analog input 0
AIN1
8
10
Analog input
Analog input 1
AIN2
5
7
Analog input
Analog input 2
AIN3
4
6
Analog input
Analog input 3
AVDD
10
12
Analog supply
Positive analog power supply. Connect a 100-nF (or larger) capacitor to AVSS.
AVSS
3
5
Analog supply
Negative analog power supply
DGND
2
4
Digital supply
Digital ground
DVDD
11
13
Digital supply
Positive digital power supply. Connect a 100-nF (or larger) capacitor to DGND.
GPIO0
16
2
Digital input/output
General-purpose input/output 0
GPIO1
15
1
Digital input/output
General-purpose input/output 1
GPIO2/DRDY
12
14
Digital input/output
General-purpose input/output 2 or data ready; active low.
REFN
6
8
Analog input
Negative reference input
REFP
7
9
Analog input
Positive reference input
RESET
1
3
Digital input
Reset; active low
RX
14
16
Digital input
Serial data input
TX
13
15
Digital output
Serial data output
Thermal pad
Pad
Thermal power pad. Connect to AVSS.


Số phần tương tự - ADS112U04IRTER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Mô tả tương tự - ADS112U04IRTER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com