công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS112U04 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS112U04
Giải thích chi tiết về linh kiện  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112U04 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS112U04 Datasheet HTML 6Page - Texas Instruments ADS112U04 Datasheet HTML 7Page - Texas Instruments ADS112U04 Datasheet HTML 8Page - Texas Instruments ADS112U04 Datasheet HTML 9Page - Texas Instruments ADS112U04 Datasheet HTML 10Page - Texas Instruments ADS112U04 Datasheet HTML 11Page - Texas Instruments ADS112U04 Datasheet HTML 12Page - Texas Instruments ADS112U04 Datasheet HTML 13Page - Texas Instruments ADS112U04 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
VIN (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-20
-15
-10
-5
0
5
10
15
20
-40qC
25qC
85qC
125qC
VIN (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-20
-15
-10
-5
0
5
10
15
20
-40qC
25qC
85qC
125qC
V(AINx) (V)
0
0.5
1
1.5
2
2.5
3
3.5
-15
-10
-5
0
5
10
15
-40qC
25qC
85qC
125qC
V(AINx) (V)
0
0.5
1
1.5
2
2.5
3
3.5
-15
-10
-5
0
5
10
15
-40qC
25qC
85qC
125qC
V(AINx) (V)
0
0.5
1
1.5
2
2.5
3
3.5
-15
-10
-5
0
5
10
15
-40qC
25qC
85qC
125qC
V(AINx) (V)
0
0.5
1
1.5
2
2.5
3
3.5
-15
-10
-5
0
5
10
15
-40qC
25qC
85qC
125qC
10
ADS112U04
SBAS838 – JANUARY 2018
www.ti.com
Product Folder Links: ADS112U04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, AVDD = 3.3 V, and AVSS = 0 V using internal VREF = 2.048 V (unless otherwise noted)
Normal mode, PGA disabled, VIN = 0 V
Figure 6. Absolute Input current vs Absolute Input Voltage
Normal mode, PGA enabled, VIN = 0 V
Figure 7. Absolute Input Current vs Absolute Input Voltage
Turbo mode, PGA disabled, VIN = 0 V
Figure 8. Absolute Input Current vs Absolute Input Voltage
Turbo mode, PGA enabled, VIN = 0 V
Figure 9. Absolute Input Current vs Absolute Input Voltage
Normal mode, PGA disabled, VCM = 1.65 V
Figure 10. Differential Input Current vs
Differential Input Voltage
Normal mode, PGA enabled, VCM = 1.65 V
Figure 11. Differential Input Current vs
Differential Input Voltage


Số phần tương tự - ADS112U04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Mô tả tương tự - ADS112U04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com