công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12DJ2700AAV bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12DJ2700AAV
Giải thích chi tiết về linh kiện  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700AAV bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADC12DJ2700AAV Datasheet HTML 7Page - Texas Instruments ADC12DJ2700AAV Datasheet HTML 8Page - Texas Instruments ADC12DJ2700AAV Datasheet HTML 9Page - Texas Instruments ADC12DJ2700AAV Datasheet HTML 10Page - Texas Instruments ADC12DJ2700AAV Datasheet HTML 11Page - Texas Instruments ADC12DJ2700AAV Datasheet HTML 12Page - Texas Instruments ADC12DJ2700AAV Datasheet HTML 13Page - Texas Instruments ADC12DJ2700AAV Datasheet HTML 14Page - Texas Instruments ADC12DJ2700AAV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 146 page
background image
11
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Measured to AGND.
(2)
Measured to DGND.
(3)
TI strongly recommends that CLK± be AC-coupled with DEVCLK_LVPECL_EN set to 0 to allow CLK± to self-bias to the optimal input
common-mode voltage for best performance. TI recommends AC-coupling for SYSREF± unless DC coupling is required, in which case,
the LVPECL input mode must be used (SYSREF_LVPECL_EN = 1).
(4)
TMSTP± does not have internal biasing that requires TMSTP± to be biased externally whether AC-coupled with TMSTP_LVPECL_EN =
0 or DC-coupled with TMSTP_LVPECL_EN = 1.
(5)
The ADC output code saturates when VID for INA± or INB± exceeds the programmed full-scale voltage (VFS) set by FS_RANGE_A for
INA± or FS_RANGE_B for INB±.
(6)
Prolonged use above this junction temperature may increase the device failure-in-time (FIT) rate.
(7)
Tested up to 1000 hours continuous operation at Tj = 125°C. See the Absolute Maximum Ratings table for the absolute maximum
operational temperature.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage range
VA19, analog 1.9-V supply(1)
1.8
1.9
2.0
V
VA11, analog 1.1-V supply(1)
1.05
1.1
1.15
VD11, digital 1.1-V supply(2)
1.05
1.1
1.15
VCMI
Input common-mode voltage
INA+, INA–, INB+, INB–(1)
–50
0
100
mV
CLK+, CLK–, SYSREF+,
SYSREF–(1)(3)
0
0.3
0.55
V
TMSTP+, TMSTP–(1)(4)
0
0.3
0.55
VID
Input voltage, peak-to-peak
differential
CLK+ to CLK–, SYSREF+ to
SYSREF–, TMSTP+ to TMSTP–
0.4
1.0
2.0
VPP-DIFF
INA+ to INA–, INB+ to INB–
1.0(5)
VIH
High-level input voltage
CALTRIG, NCOA0, NCOA1, NCOB0,
NCOB1, PD, SCLK, SCS, SDI,
SYNCSE(1)
0.7
V
VIL
Low-level input voltage
CALTRIG, NCOA0, NCOA1, NCOB0,
NCOB1, PD, SCLK, SCS, SDI,
SYNCSE(1)
0.45
V
IC_TD
Temperature diode input current
TDIODE+ to TDIODE–
100
µA
CL
BG maximum load capacitance
50
pF
IO
BG maximum output current
100
µA
DC
Input clock duty cycle
30%
50%
70%
TA
Operating free-air temperature
-40
85
ºC
Tj
Operating junction temperature
105(6)(7)
ºC
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ADC12DJ2700
UNIT
AAV (FCBGA)
144 PINS
RθJA
Junction-to-ambient thermal resistance
25.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.1
°C/W
RθJB
Junction-to-board thermal resistance
8.2
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
8.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W


Số phần tương tự - ADC12DJ2700AAV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DJ2700AAV TI1-ADC12DJ2700AAV Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700AAVT TI1-ADC12DJ2700AAVT Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Mô tả tương tự - ADC12DJ2700AAV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
[Old version datasheet]   ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200-SP TI-ADC12DJ5200-SP_V02 Datasheet
7Mb / 208P
[Old version datasheet]   ADC12DJ5200-SP 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com