công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW-6 bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện FW-6
Giải thích chi tiết về linh kiện  SMA Fixed Attenuator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

FW-6 bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  FW-6 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
Typical Performance Data
Maximum Ratings
Operating Temperature
-45°C to 100°C
Storage Temperature
-55°C to 100°C
Outline Drawing
Outline Dimensions (
)
6.0
6.5
7.0
7.5
8.0
0
3000
6000
9000
12000
15000
FREQUENCY (MHz)
FW-6+
ATTENUATION
inch
mm
FW-6+
50Ω
1W
6dB
DC to 12000 MHz
SMA Fixed Attenuator
REV. A
M151107
ED-16254/6
FW-6+
DJ/CP/AM
150806
Coaxial
CASE STYLE: FF704
1.0
1.2
1.4
1.6
1.8
0
3000
6000
9000
12000
15000
FREQUENCY (MHz)
FW-6+
VSWR
Connectors
Model
SMA
FW-6+
1. Flatness = variation over band divided by 2.
Frequency
(MHz)
Attenuation
(dB)
VSWR
(:1)
10.00
6.03
1.02
100.00
6.06
1.02
2000.00
6.21
1.01
3000.00
6.28
1.03
6000.00
6.48
1.08
8000.00
6.61
1.13
10000.00
6.79
1.26
11000.00
6.80
1.25
11500.00
6.81
1.24
12000.00
6.82
1.23
15000.00
6.84
1.17
Electrical Schematic
FEMALE
MALE
R1
R2
R3
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
12000
MHz
Attenuation
10
6
dB
DC - 3000
5.6
6.2
6.7
3000 - 8000
5.85
6.45
7.1
8000 - 12000
6.15
6.8
7.4
VSWR
DC - 3000
1.05
1.20
:1
3000 - 8000
1.15
1.35
8000 - 12000
1.30
Input Power
DC - 12000
1.0
W
B
D
E
wt
.410
1.43
.312 grams
10.41 36.32
7.92
10.0
.312 Across Flats
in some models
Features
• wideband coverage, DC to 12000 MHz
• 1 watt rating
• rugged unibody construction
• off-the-shelf availability
• very low cost
Applications
• impedance matching
• signal level adjustment


Số phần tương tự - FW-6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FW-6432 ETC2-FW-6432 Datasheet
164Kb / 2P
   Fanless Network Appliance with 500MHz VIA짰 ULV Eden CPU
FW-6432A ETC2-FW-6432A Datasheet
164Kb / 2P
   Fanless Network Appliance with 500MHz VIA짰 ULV Eden CPU
FW-6436 ETC2-FW-6436 Datasheet
139Kb / 2P
   VIA-based Network Appliance w/ 2 PCI Slots and 2.5??HDD Bay
FW-6486 ETC2-FW-6486 Datasheet
174Kb / 2P
   1U 1.5 GHz VIA C7짰 Network Appliance w/ 2 PCI slots, 3.5??HDD Bay and internal PSU.
More results

Mô tả tương tự - FW-6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
VAT-12W2 MINI-VAT-12W2 Datasheet
174Kb / 1P
   SMA Fixed Attenuator
VAT-15W2 MINI-VAT-15W2 Datasheet
172Kb / 1P
   SMA Fixed Attenuator
VAT-30 MINI-VAT-30 Datasheet
206Kb / 1P
   SMA Fixed Attenuator
FW-3 MINI-FW-3 Datasheet
196Kb / 1P
   SMA Fixed Attenuator
FW-7 MINI-FW-7 Datasheet
195Kb / 1P
   SMA Fixed Attenuator
VAT-1 MINI-VAT-1 Datasheet
202Kb / 1P
   SMA Fixed Attenuator
VAT-3W2 MINI-VAT-3W2 Datasheet
174Kb / 1P
   SMA Fixed Attenuator
VAT-4 MINI-VAT-4 Datasheet
206Kb / 1P
   SMA Fixed Attenuator
VAT-4W2 MINI-VAT-4W2 Datasheet
173Kb / 1P
   SMA Fixed Attenuator
VAT-6 MINI-VAT-6 Datasheet
206Kb / 1P
   SMA Fixed Attenuator
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com