công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7890BRZ-4REEL bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD7890BRZ-4REEL
Giải thích chi tiết về linh kiện  8-Channel, 12-Bit Serial Data Acquisition System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7890BRZ-4REEL bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD7890BRZ-4REEL Datasheet HTML 2Page - Analog Devices AD7890BRZ-4REEL Datasheet HTML 3Page - Analog Devices AD7890BRZ-4REEL Datasheet HTML 4Page - Analog Devices AD7890BRZ-4REEL Datasheet HTML 5Page - Analog Devices AD7890BRZ-4REEL Datasheet HTML 6Page - Analog Devices AD7890BRZ-4REEL Datasheet HTML 7Page - Analog Devices AD7890BRZ-4REEL Datasheet HTML 8Page - Analog Devices AD7890BRZ-4REEL Datasheet HTML 9Page - Analog Devices AD7890BRZ-4REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AD7890
Rev. C | Page 5 of 28
TIMING SPECIFICATIONS
VDD = 5 V ± 5%, AGND = DGND = 0 V, REF IN = 2.5 V, fCLK IN = 2.5 MHz external, MUX OUT connected to SHA IN.
Parameter1, 2
Limit at TMIN, TMAX (A, B, S Versions)
Unit
Conditions/Comments
fCLKIN3
100
kHz min
Master Clock Frequency. For specified performance.
2.5
MHz max
tCLKIN IN LO
0.3 × tCLK IN
ns min
Master Clock Input Low Time.
tCLK IN HI
0 3 × tCLK IN
ns min
Master Clock Input High Time.
tr4
25
ns max
Digital Output Rise Time. Typically 10 ns.
tf4
25
ns max
Digital Output Fall Time. Typically 10 ns.
tCONVERT
5.9
μs max
Conversion Time.
tCST
100
ns min
CONVST Pulse Width.
Self-Clocking Mode
t1
tCLK IN HI + 50
ns max
RFS Low to SCLK Falling Edge.
t25
25
ns max
RFS Low to Data Valid Delay.
t3
tCLK IN HI
ns nom
SCLK High Pulse Width.
t4
tCLK IN LO
ns nom
SCLK Low Pulse Width.
t55
20
ns max
SCLK Rising Edge to Data Valid Delay.
t6
40
ns max
SCLK Rising Edge to RFS Delay.
t76
50
ns max
Bus Relinquish Time after Rising Edge of SCLK.
t8
0
ns min
TFS Low to SCLK Falling Edge.
tCLK IN + 50
ns max
t9
0
ns min
Data Valid to TFS Falling Edge Setup Time (A2 Address Bit).
t10
20
ns min
Data Valid to SCLK Falling Edge Setup Time.
t11
10
ns min
Data Valid to SCLK Falling Edge Hold Time.
t12
20
ns min
TFS to SCLK Falling Edge Hold Time.
External Clocking Mode
t13
20
ns min
RFS Low to SCLK Falling Edge Setup Time.
t145
40
ns max
RFS Low to Data Valid Delay.
t15
50
ns min
SCLK High Pulse Width.
t16
50
ns min
SCLK Low Pulse Width.
t175
35
ns max
SCLK Rising Edge to Data Valid Delay.
t18
20
ns min
RFS to SCLK Falling Edge Hold Time.
t196
50
ns max
Bus Relinquish Time after Rising Edge of RFS.
t19A6
90
ns max
Bus Relinquish Time after Rising Edge of SCLK.
t20
20
ns min
TFS Low to SCLK Falling Edge Setup Time.
t21
10
ns min
Data Valid to SCLK Falling Edge Setup Time.
t22
15
ns min
Data Valid to SCLK Falling Edge Hold Time.
t23
40
ns min
TFS to SCLK Falling Edge Hold Time.
1 Sample tested at −25°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2 See Figure 10 to Figure 13.
3 The AD7890 is production tested with fCLK IN at 2.5 MHz. It is guaranteed by characterization to operate at 100 kHz.
4 Specified using 10% and 90% points on waveform of interest.
5 These numbers are measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.4 V.
6 These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then
extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
TO OUTPUT
PIN
2.1V
1.6mA
200µA
50pF
Figure 2. Load Circuit for Access Time and Bus Relinquish Time


Số phần tương tự - AD7890BRZ-4REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7890BR-10 AD-AD7890BR-10 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890BR-2 AD-AD7890BR-2 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890BR-4 AD-AD7890BR-4 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
More results

Mô tả tương tự - AD7890BRZ-4REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com